Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7258LE Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 8Page - Infineon Technologies AG TLE7258LE Datasheet HTML 9Page - Infineon Technologies AG TLE7258LE Datasheet HTML 10Page - Infineon Technologies AG TLE7258LE Datasheet HTML 11Page - Infineon Technologies AG TLE7258LE Datasheet HTML 12Page - Infineon Technologies AG TLE7258LE Datasheet HTML 13Page - Infineon Technologies AG TLE7258LE Datasheet HTML 14Page - Infineon Technologies AG TLE7258LE Datasheet HTML 15Page - Infineon Technologies AG TLE7258LE Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
TLE7258
Functional Description
Data Sheet
12
Rev. 1.1, 2015-08-20
4.5
Bus Wake-up Event
Figure 8
Bus wake-up behavior
A bus wake-up event, also called remote wake-up, changes the operation mode from Sleep mode to Standby
mode. A falling edge on the LIN bus, followed by a “dominant” bus signal for the time
t
WK,bus results in a bus wake-
up event. The mode change to Standby mode becomes active with the following rising edge on the LIN bus. The
TLE7258 remains in Sleep mode until it detects a state change on the LIN bus from “dominant” to “recessive” (see
Figure 8).
In Standby mode a logical “low” signal on the RxD output indicates a bus wake-up event.
In case the TLE7258 detects a bus wake-up event while already being in Standby mode after power-up, the wake-
up event will be signaled with a logical “low” level on RxD and override the power-on wake source (See Figure 6).
TxD
1): „high impedance“
INH: „high impedance“
TLE7258_BUS_WAKE
V
BUS
V
BUS,wk
V
BUS,wk
LIN bus signal
INH
t
WK,bus
t
t
EN
t
TxD
t
RxD
t
RxD: „high“ because of the external pull-up to the microcontroller supply voltage
RxD: „low“ indicates bus
wake-up event
TxD
1): „high“ because of
internal pull-up current source
1) In case the TxD input is open
Standby mode
Sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com