Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE7258LE Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE7258LE
Description  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7258LE Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE7258LE Datasheet HTML 2Page - Infineon Technologies AG TLE7258LE Datasheet HTML 3Page - Infineon Technologies AG TLE7258LE Datasheet HTML 4Page - Infineon Technologies AG TLE7258LE Datasheet HTML 5Page - Infineon Technologies AG TLE7258LE Datasheet HTML 6Page - Infineon Technologies AG TLE7258LE Datasheet HTML 7Page - Infineon Technologies AG TLE7258LE Datasheet HTML 8Page - Infineon Technologies AG TLE7258LE Datasheet HTML 9Page - Infineon Technologies AG TLE7258LE Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TLE7258
Functional Description
Data Sheet
6
Rev. 1.1, 2015-08-20
4
Functional Description
The LIN interface is a single wire, bi-directional bus, used for in-vehicle networks. The TLE7258 LIN transceiver
is the interface between the microcontroller and the physical LIN Bus (see Figure 16). Data from the
microcontroller is driven to the LIN bus via the TxD input of the TLE7258. The transmit data stream on the TxD
input is converted to a LIN bus signal with optimized slew rates in order to minimize the electromagnetic emission
level of the LIN network. The RxD output reads back the information from the LIN bus to the microcontroller. The
receiver has an integrated filter network to suppress noise from the LIN bus and to increase the electromagnetic
immunity level of the transceiver.
The LIN specification defines two valid bus states (see Figure 3):
“Dominant” state with the LIN bus voltage level near GND.
“Recessive” state with the LIN bus voltage pulled up to the supply voltage
V
S through the bus termination.
By setting the TxD input of the TLE7258 to a logical “low” signal, the transceiver generates a “dominant” level on
the BUS interface pin. The receiver reads back the signal on the LIN bus and indicates the “dominant” LIN bus
signal with a logical “low” level on the RxD output to the microcontroller. By setting the TxD input to logical “high”,
the transceiver sets the LIN interface pin to the “recessive” level. At the same time the “recessive” level on the LIN
bus is indicated by a logical “high” level on the RxD output.
Every LIN network consists of a master node and one or more slave nodes. To configure the TLE7258 for master
node applications, a termination resistor of 1 kΩ and a diode must be connected between the LIN bus and the
power supply
V
S (see Figure 16).
Figure 3
LIN bus signals
TLE7258_LIN_COMMUNICATION
t
TxD
V
CC
BUS
V
S
Recessive
Dominant
Recessive
t
t
RxD
V
CC
V
th_REC
V
th_DOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com