Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9361S-CSL Datasheet(PDF) 6 Page - Analog Devices

Part # AD9361S-CSL
Description  RF Agile Transceiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361S-CSL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9361S-CSL Datasheet HTML 2Page - Analog Devices AD9361S-CSL Datasheet HTML 3Page - Analog Devices AD9361S-CSL Datasheet HTML 4Page - Analog Devices AD9361S-CSL Datasheet HTML 5Page - Analog Devices AD9361S-CSL Datasheet HTML 6Page - Analog Devices AD9361S-CSL Datasheet HTML 7Page - Analog Devices AD9361S-CSL Datasheet HTML 8Page - Analog Devices AD9361S-CSL Datasheet HTML 9Page - Analog Devices AD9361S-CSL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD9361S-CSL
Commercial Space Product
Rev. 0 | Page 6 of 33
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
DIGITAL SPECIFICATIONS (CMOS)
Logic Inputs
Input Voltage
High
VDD_INTERFACE ×
0.8
VDD_INTERFACE
V
Low
0
VDD_INTERFACE ×
0.2
V
Input Current
High
−10
+10
μA
Low
−10
+10
μA
Logic Outputs
Output Voltage
High
VDD_INTERFACE ×
0.8
V
Low
VDD_INTERFACE ×
0.2
V
DIGITAL SPECIFICATIONS (LOW
VOLTAGE DIFFERENTIAL SIGNALING
(LVDS)
Logic Inputs
Input Voltage Range
825
1575
mV
Each differential input
in the pair
Input Differential Voltage
Threshold
−100
+100
mV
Receiver Differential Input
Impedance
100
Logic Outputs
Output Voltage
High
1375
mV
Low
1025
mV
Output Differential Voltage
150
mV
Programmable in 75 mV
steps
Output Offset Voltage
1200
mV
GENERAL-PURPOSE OUTPUTS
Output Voltage
High
VDD_GPO × 0.8
V
Low
VDD_GPO × 0.2
V
Output Current
10
mA
SERIAL PERIPHERAL INTERFACE (SPI)
TIMING
VDD_INTERFACE = 1.8 V
SPI_CLK
Period
tCP
20
ns
Pulse Width
tMP
9
ns
SPI_ENB Setup to First SPI_CLK
Rising Edge
tSC
1
ns
Last SPI_CLK Falling Edge to
SPI_ENB Hold
tHC
0
ns
SPI_DI
Data Input Setup to SPI_CLK
tS
2
ns
Data Input Hold to SPI_CLK
tH
1
ns
SPI_CLK Rising Edge to Output Data
Delay
4-Wire Mode
tCO
3
8
ns
3-Wire Mode
tCO
3
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com