Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9361S-CSL Datasheet(PDF) 7 Page - Analog Devices

Part # AD9361S-CSL
Description  RF Agile Transceiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361S-CSL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9361S-CSL Datasheet HTML 3Page - Analog Devices AD9361S-CSL Datasheet HTML 4Page - Analog Devices AD9361S-CSL Datasheet HTML 5Page - Analog Devices AD9361S-CSL Datasheet HTML 6Page - Analog Devices AD9361S-CSL Datasheet HTML 7Page - Analog Devices AD9361S-CSL Datasheet HTML 8Page - Analog Devices AD9361S-CSL Datasheet HTML 9Page - Analog Devices AD9361S-CSL Datasheet HTML 10Page - Analog Devices AD9361S-CSL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Commercial Space Product
AD9361S-CSL
Rev. 0 | Page 7 of 33
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
Bus Turnaround Time, Read
tHZM
tH
tCO (max)
ns
After baseband
processor (BBP) drives
the last address bit
Bus Turnaround Time, Read
tHZS
0
tCO (max)
ns
After the AD9361S-CSL
drives the last data bit
DIGITAL DATA TIMING (CMOS),
VDD_INTERFACE = 1.8 V
DATA_CLK_x Clock Period
tCP
16.276
ns
61.44 MHz
DATA_CLK_x and FB_CLK_x Pulse
Width
tMP
45% of tCP
55% of tCP
ns
TX Data
TX_FRAME_x, P0_Dx,
and P1_Dx
Setup to FB_CLK_x
tSTX
1
ns
Hold to FB_CLK_x
tHTX
0
ns
DATA_CLK_x to Data Bus Output
Delay
tDDRX
0
1.5
ns
DATA_CLK_x to RX_FRAME_x Delay
tDDDV
0
1.0
ns
Pulse Width
ENABLE
tENPW
tCP
ns
TXNRX
tTXNRXPW
tCP
ns
FDD independent
enable state machine
(ESM) mode
TXNRX Setup to ENABLE
tTXNRXSU
0
ns
Time division duplex
(TDD) ESM mode
Bus Turnaround Time
Before RX
tRPRE
2 × tCP
ns
TDD mode
After RX
tRPST
2 × tCP
ns
TDD mode
Capacitive Load
3
pF
Capacitive Input
3
pF
DIGITAL DATA TIMING (CMOS),
VDD_INTERFACE = 2.5 V
DATA_CLK_x Clock Period
tCP
16.276
ns
61.44 MHz
DATA_CLK_x and FB_CLK_x Pulse
Width
tMP
45% of tCP
55% of tCP
ns
TX Data
TX_FRAME_x, P0_Dx,
and P1_Dx
Setup to FB_CLK_x
tSTX
1
ns
Hold to FB_CLK_x
tHTX
0
ns
DATA_CLK_x to Data Bus Output
Delay
tDDRX
0
1.2
ns
DATA_CLK_x to RX_FRAME_x Delay
tDDDV
0
1.0
ns
Pulse Width
ENABLE
tENPW
tCP
ns
TXNRX
tTXNRXPW
tCP
ns
FDD independent ESM
mode
TXNRX Setup to ENABLE
tTXNRXSU
0
ns
TDD ESM mode
Bus Turnaround Time
Before RX
tRPRE
2 × tCP
ns
TDD mode
After RX
tRPST
2 × tCP
ns
TDD mode
Capacitive Load
3
pF
Capacitive Input
3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com