Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9361S-CSL Datasheet(PDF) 8 Page - Analog Devices

Part # AD9361S-CSL
Description  RF Agile Transceiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361S-CSL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9361S-CSL Datasheet HTML 4Page - Analog Devices AD9361S-CSL Datasheet HTML 5Page - Analog Devices AD9361S-CSL Datasheet HTML 6Page - Analog Devices AD9361S-CSL Datasheet HTML 7Page - Analog Devices AD9361S-CSL Datasheet HTML 8Page - Analog Devices AD9361S-CSL Datasheet HTML 9Page - Analog Devices AD9361S-CSL Datasheet HTML 10Page - Analog Devices AD9361S-CSL Datasheet HTML 11Page - Analog Devices AD9361S-CSL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD9361S-CSL
Commercial Space Product
Rev. 0 | Page 8 of 33
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
DIGITAL DATA TIMING (LVDS)
DATA_CLK_x Clock Period
tCP
4.069
ns
245.76 MHz
DATA_CLK_x and FB_CLK_x Pulse
Width
tMP
45% of tCP
55% of tCP
ns
TX Data
TX_FRAME_x and
TX_Dx_x
Setup to FB_CLK_x
tSTX
1
ns
Hold to FB_CLK_x
tHTX
0
ns
DATA_CLK_x to Data Bus Output
Delay
tDDRX
0.25
1.25
ns
DATA_CLK_x to RX_FRAME_x Delay
tDDDV
0.25
1.25
ns
Pulse Width
ENABLE
tENPW
tCP
ns
TXNRX
tTXNRXPW
tCP
ns
FDD independent ESM
mode
TXNRX Setup to ENABLE
tTXNRXSU
0
ns
TDD ESM mode
Bus Turnaround Time
Before RX
tRPRE
2 × tCP
ns
After RX
tRPST
2 × tCP
ns
Capacitive Load
3
pF
Capacitive Input
3
pF
SUPPLY CHARACTERISTICS
1.3 V Main Supply Voltage
1.267
1.3
1.33
V
VDD_INTERFACE Supply
Nominal Settings
CMOS
1.14
2.625
V
LVDS
1.71
2.625
V
VDD_INTERFACE Tolerance
−5
+5
%
Tolerance is applicable
to any voltage setting
VDD_GPO Supply Nominal
Setting
1.3
3.3
V
When unused, must be
set to 1.3 V
VDD_GPO Tolerance
−5
+5
%
Tolerance is applicable
to any voltage setting
Current Consumption
VDDA1P3_x, Sleep Mode
180
μA
Sum of all input
currents
VDD_GPO
50
μA
No load
1
When referencing a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com