Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD9361S-CSL Datasheet(PDF) 9 Page - Analog Devices

Part # AD9361S-CSL
Description  RF Agile Transceiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361S-CSL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9361S-CSL Datasheet HTML 5Page - Analog Devices AD9361S-CSL Datasheet HTML 6Page - Analog Devices AD9361S-CSL Datasheet HTML 7Page - Analog Devices AD9361S-CSL Datasheet HTML 8Page - Analog Devices AD9361S-CSL Datasheet HTML 9Page - Analog Devices AD9361S-CSL Datasheet HTML 10Page - Analog Devices AD9361S-CSL Datasheet HTML 11Page - Analog Devices AD9361S-CSL Datasheet HTML 12Page - Analog Devices AD9361S-CSL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Commercial Space Product
AD9361S-CSL
Rev. 0 | Page 9 of 33
CURRENT CONSUMPTION—VDD_INTERFACE
TX is transmit, and RX is receive.
Table 2. VDD_INTERFACE = 1.2 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
45
µA
Power applied, device disabled
ONE RX CHANNEL, ONE TX CHANNEL, DOUBLE DATA
RATE (DDR)
Long-Term Evolution (LTE 10 MHz)
Single Port
2.9
mA
30.72 MHz data clock, CMOS
Dual Port
2.7
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
5.2
mA
30.72 MHz data clock, CMOS
TWO RX CHANNELS, TWO TX CHANNELS, DDR
LTE 3 MHz
Dual Port
1.3
mA
7.68 MHz data clock, CMOS
LTE 10 MHz
Single Port
4.6
mA
61.44 MHz data clock, CMOS
Dual Port
5.0
mA
30.72 MHz data clock, CMOS
LTE 20 MHz
Dual Port
8.2
mA
61.44 MHz data clock, CMOS
Global System for Mobile Communications (GSM)
Dual Port
0.2
mA
1.08 MHz data clock, CMOS
Table 3. VDD_INTERFACE = 1.8 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
84
μA
Power applied, device disabled
ONE RX CHANNEL, ONE TX CHANNEL, DDR
LTE 10 MHz
Single Port
4.5
mA
30.72 MHz data clock, CMOS
Dual Port
4.1
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
8.0
mA
30.72 MHz data clock, CMOS
TWO RX CHANNELS, TWO TX CHANNELS, DDR
LTE 3 MHz
Dual Port
2.0
mA
7.68 MHz data clock, CMOS
LTE 10 MHz
Single Port
8.0
mA
61.44 MHz data clock, CMOS
Dual Port
7.5
mA
30.72 MHz data clock, CMOS
LTE 20 MHz
Dual Port
14.0
mA
61.44 MHz data clock, CMOS
GSM
Dual Port
0.3
mA
1.08 MHz data clock, CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com