Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS27HHTW Datasheet(PDF) 45 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 41Page - STMicroelectronics LPS27HHTW Datasheet HTML 42Page - STMicroelectronics LPS27HHTW Datasheet HTML 43Page - STMicroelectronics LPS27HHTW Datasheet HTML 44Page - STMicroelectronics LPS27HHTW Datasheet HTML 45Page - STMicroelectronics LPS27HHTW Datasheet HTML 46Page - STMicroelectronics LPS27HHTW Datasheet HTML 47Page - STMicroelectronics LPS27HHTW Datasheet HTML 48Page - STMicroelectronics LPS27HHTW Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
9.26
FIFO_DATA_OUT_PRESS_L (79h)
FIFO pressure output middle data (read only)
7
6
5
4
3
2
1
0
FIFO_P15
FIFO_P14
FIFO_P13
FIFO_P12
FIFO_P11
FIFO_P10
FIFO_P9
FIFO_P8
FIFO_P[15:8]
Pressure middle data in FIFO buffer
9.27
FIFO_DATA_OUT_PRESS_H (7Ah)
FIFO pressure output MSB data (read only)
7
6
5
4
3
2
1
0
FIFO_P23
FIFO_P22
FIFO_P21
FIFO_P20
FIFO_P19
FIFO_P18
FIFO_P17
FIFO_P16
FIFO_P[23:16]
Pressure MSB data in FIFO buffer
9.28
FIFO_DATA_OUT_TEMP_L (7Bh)
FIFO temperature output LSB data (read only)
7
6
5
4
3
2
1
0
FIFO_T7
FIFO_T6
FIFO_T5
FIFO_T4
FIFO_T3
FIFO_T2
FIFO_T1
FIFO_T0
FIFO_T[7:0]
Temperature LSB data in FIFO buffer
9.29
FIFO_DATA_OUT_TEMP_H (7Ch)
Temperature LSB data in FIFO buffer
7
6
5
4
3
2
1
0
FIFO_T15
FIFO_T14
FIFO_T13
FIFO_T12
FIFO_T11
FIFO_T10
FIFO_T9
FIFO_T8
FIFO_T[15:8]
Temperature MSB data in FIFO buffer
LPS27HHTW
FIFO_DATA_OUT_PRESS_L (79h)
DS13489 - Rev 1
page 45/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com