Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS27HHTW Datasheet(PDF) 36 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 32Page - STMicroelectronics LPS27HHTW Datasheet HTML 33Page - STMicroelectronics LPS27HHTW Datasheet HTML 34Page - STMicroelectronics LPS27HHTW Datasheet HTML 35Page - STMicroelectronics LPS27HHTW Datasheet HTML 36Page - STMicroelectronics LPS27HHTW Datasheet HTML 37Page - STMicroelectronics LPS27HHTW Datasheet HTML 38Page - STMicroelectronics LPS27HHTW Datasheet HTML 39Page - STMicroelectronics LPS27HHTW Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
9.5
WHO_AM_I (0Fh)
Device Who am I
7
6
5
4
3
2
1
0
1
0
1
1
0
0
1
1
9.6
CTRL_REG1 (10h)
Control register 1 (R/W)
7
6
5
4
3
2
1
0
0
ODR2
ODR1
ODR0
EN_LPFP
LPFP_CFG
BDU
SIM
ODR[2:0]
Output data rate selection. Default value: 000
Refer to Table 18.
EN_LPFP
Enable low-pass filter on pressure data when Continuous mode is used. Default value: 0
(0: Low-pass filter disabled; 1: Low-pass filter enabled)
LPFP_CFG
LPFP_CFG: Low-pass configuration register. Default value: 0
Refer to Table 19.
BDU(1)
Block data update. Default value: 0
(0: continuous update;
1: output registers not updated until MSB and LSB have been read)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
1. To guarantee the correct behavior of BDU feature, PRESS_OUT_H (2Ah) must be the last address read.
Table 18. Output data rate bit configurations
ODR[2:0]
Temperature, Pressure (Hz)
000
One-shot
001
1 Hz
010
10 Hz
011
25 Hz
100
50 Hz
101
75 Hz
110(1)
100 Hz
111(1)
200 Hz
1. This option disables the low-noise mode automatically.
When the ODR bits are set to '000', the device is in Power-down mode. When the device is in power-down
mode, almost all internal blocks of the device are switched off to minimize power consumption. The I²C interface
is still active to allow communication with the device. The content of the configuration registers is preserved
and output data registers are not updated, therefore keeping the last data sampled in memory before going into
power-down mode.
If the ONE_SHOT bit in CTRL_REG2 (11h) is set to '1', One-shot mode is triggered and a new acquisition starts
when it is required. Enabling this mode is possible only if the device was previously in power-down mode (ODR
bits set to '000'). Once the acquisition is completed and the output registers updated, the device automatically
enters in power-down mode. ONE_SHOT bit self-clears itself.
LPS27HHTW
WHO_AM_I (0Fh)
DS13489 - Rev 1
page 36/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com