Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS27HHTW Datasheet(PDF) 17 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 13Page - STMicroelectronics LPS27HHTW Datasheet HTML 14Page - STMicroelectronics LPS27HHTW Datasheet HTML 15Page - STMicroelectronics LPS27HHTW Datasheet HTML 16Page - STMicroelectronics LPS27HHTW Datasheet HTML 17Page - STMicroelectronics LPS27HHTW Datasheet HTML 18Page - STMicroelectronics LPS27HHTW Datasheet HTML 19Page - STMicroelectronics LPS27HHTW Datasheet HTML 20Page - STMicroelectronics LPS27HHTW Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
5.5
Bypass-to-Continuous (Dynamic-Stream) mode
In Bypass-to-Continuous (Dynamic-Stream) mode (FIFO_CTRL (13h)(TRIG_MODES and F_MODE[1:0] = ‘110’),
FIFO operates in Bypass mode until it switches to Continuous (Dynamic-Stream) mode behavior when
INT_SOURCE (24h)(IA) rises to '1', then FIFO behavior keeps behaving like in Continuous (Dynamic-Stream)
mode.
An interrupt generator has to be set to the desired configuration through INTERRUPT_CFG (0Bh).
Figure 13. Bypass-to-Continuous (Dynamic-Stream) mode
P1
T1
P2
T2
Pi,T
empty
P0
T0
P127
T127
i
P1
T1
P2
T2
Pi,T
P0
T0
P127
T127
i
Bypass Mode
Dynamic-Stream Mode
Trigger event
P126
T126
LPS27HHTW
Bypass-to-Continuous (Dynamic-Stream) mode
DS13489 - Rev 1
page 17/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com