Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS27HHTW Datasheet(PDF) 10 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 6Page - STMicroelectronics LPS27HHTW Datasheet HTML 7Page - STMicroelectronics LPS27HHTW Datasheet HTML 8Page - STMicroelectronics LPS27HHTW Datasheet HTML 9Page - STMicroelectronics LPS27HHTW Datasheet HTML 10Page - STMicroelectronics LPS27HHTW Datasheet HTML 11Page - STMicroelectronics LPS27HHTW Datasheet HTML 12Page - STMicroelectronics LPS27HHTW Datasheet HTML 13Page - STMicroelectronics LPS27HHTW Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
4.4
Device structure
The LPS27HHTW has a unique cylindrical package solution with a full metal lid assembled on ceramic substrate
and this cylindrical package provides an easy assembly with O-rings in the end user’s application.
Figure 6. LPS27HHTW internal structure
This structure (Figure 6) is designed and verified to resist water pressure up to 10 ATM and the potting gel in the
LPS27HHTW has been proven to protect electronic components from long-term exposure to harsh environments
such as water mixed with chlorine, bromine, commercial washing detergent and fuels, solvents and chemicals.
It also provides excellent low-stress encapsulation performance for sensitive electronic components from severe
environmental conditions such as high temperature and humidity, refer to the properties of the gel which are given
in the following table.
Table 8. Potting gel properties
Properties
Potting gel
Permeability g/m²·24 hr
7
Hardness (penetration) based on ASTM D1403
70
Ultra-low Young's modulus
Less than 0.01 GPa
TCE (Thermal Coefficient of Expansion)
300 ppm/°C
LPS27HHTW
Device structure
DS13489 - Rev 1
page 10/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com