Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPS27HHTW Datasheet(PDF) 49 Page - STMicroelectronics

Part # LPS27HHTW
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTW Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LPS27HHTW Datasheet HTML 45Page - STMicroelectronics LPS27HHTW Datasheet HTML 46Page - STMicroelectronics LPS27HHTW Datasheet HTML 47Page - STMicroelectronics LPS27HHTW Datasheet HTML 48Page - STMicroelectronics LPS27HHTW Datasheet HTML 49Page - STMicroelectronics LPS27HHTW Datasheet HTML 50Page - STMicroelectronics LPS27HHTW Datasheet HTML 51Page - STMicroelectronics LPS27HHTW Datasheet HTML 52Page - STMicroelectronics LPS27HHTW Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Contents
1
Block diagrams ....................................................................2
2
Pin description ....................................................................3
3
Mechanical and electrical specifications ...........................................4
3.1
Mechanical characteristics ....................................................... 4
3.2
Electrical characteristics......................................................... 5
3.3
Communication interface characteristics ........................................... 6
3.3.1
SPI - serial peripheral interface .............................................. 6
3.3.2
I²C - inter-IC control interface ............................................... 7
3.4
Absolute maximum ratings....................................................... 8
4
Functionality ......................................................................9
4.1
Sensing element ............................................................... 9
4.2
IC interface ................................................................... 9
4.3
Factory calibration ............................................................. 9
4.4
Device structure .............................................................. 10
4.5
Interpreting pressure readings................................................... 11
4.6
Interpreting temperature readings................................................ 11
5
FIFO..............................................................................12
5.1
Bypass mode ................................................................. 13
5.2
FIFO mode................................................................... 14
5.3
Continuous (Dynamic-Stream) mode ............................................. 15
5.4
Bypass-to-FIFO mode ......................................................... 16
5.5
Bypass-to-Continuous (Dynamic-Stream) mode .................................... 17
5.6
Continuous (Dynamic-Stream)-to-FIFO mode...................................... 18
5.7
Retrieving data from FIFO ...................................................... 18
6
Application hints .................................................................19
6.1
Soldering information .......................................................... 20
7
Digital interfaces .................................................................21
7.1
Serial interfaces............................................................... 21
7.2
I²C serial interface (CS = high) .................................................. 21
LPS27HHTW
Contents
DS13489 - Rev 1
page 49/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com