Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M69KB096AB Datasheet(PDF) 7 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 3Page - STMicroelectronics M69KB096AB Datasheet HTML 4Page - STMicroelectronics M69KB096AB Datasheet HTML 5Page - STMicroelectronics M69KB096AB Datasheet HTML 6Page - STMicroelectronics M69KB096AB Datasheet HTML 7Page - STMicroelectronics M69KB096AB Datasheet HTML 8Page - STMicroelectronics M69KB096AB Datasheet HTML 9Page - STMicroelectronics M69KB096AB Datasheet HTML 10Page - STMicroelectronics M69KB096AB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
M69KB096AB
1 Summary description
7/73
1
Summary description
The M69KB096AB is a 64 Mbit (67,108,864 bit) PSRAM, organized as 4,194,304 Words by 16
bits. It uses a high-speed CMOS DRAM technology implemented using a one transistor-per-cell
topology that achieves bigger array sizes. It provides a high-density solution for low-power
handheld applications.
The M69KB096AB is supplied by a 1.7 to 1.95V supply voltage range.
The PSRAM interface supports various operating modes: Asynchronous Random Read and
Write, Asynchronous Page Read and Synchronous mode that increases read/write speed.
In Asynchronous Random Read mode, the M69KB096AB is compatible with low power
SRAMs. In Asynchronous Page mode the device has much shorter access times within the
page that make it is compatible with the industry standard PSRAMs.
Two types of Synchronous modes are available:
Flash-NOR: the device operates in Synchronous mode for read operations and
Asynchronous mode for write operations.
Full Synchronous: the device supports Synchronous transfers for both read and write
operations.
The M69KB096AB features three configuration registers:
Two user-programmable registers used to define the device operation: the Bus
Configuration Register (BCR) and the Refresh Configuration Register (RCR).
A read-only Device ID Register (DIDR) containing device identification.
The Bus Configuration Register (BCR) indicates how the device interacts with the system
memory bus. The Refresh Configuration Register (RCR) is used to control how the memory
array refresh is performed. At Power-Up, these registers are automatically loaded with default
settings and can be updated any time during normal operation.
PSRAMs are based on the DRAM technology, but have a transparent internal self-refresh
mechanism that requires no additional support from the system memory microcontroller.
To minimize the value of the Standby current during self-refresh operations, the M69KB096AB
includes three system-accessible mechanisms configured via the Refresh Configuration
Register (RCR):
Partial Array Self Refresh (PASR) performs a limited refresh of the part of the PSRAM
array that contains essential data.
Deep Power-Down (DPD) mode completely halts the refresh operation. It is used when no
essential data is being held in the device.
Automatic Temperature Compensated Self Refresh (TCSR) adjusts the refresh rate
according to the operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com