Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M69KB096AB Datasheet(PDF) 10 Page - STMicroelectronics

Part # M69KB096AB
Description  64 Mbit (4Mb x 16), 104MHz Clock Rate, 1.8V Supply, Bare Die, Burst PSRAM
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB096AB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M69KB096AB Datasheet HTML 6Page - STMicroelectronics M69KB096AB Datasheet HTML 7Page - STMicroelectronics M69KB096AB Datasheet HTML 8Page - STMicroelectronics M69KB096AB Datasheet HTML 9Page - STMicroelectronics M69KB096AB Datasheet HTML 10Page - STMicroelectronics M69KB096AB Datasheet HTML 11Page - STMicroelectronics M69KB096AB Datasheet HTML 12Page - STMicroelectronics M69KB096AB Datasheet HTML 13Page - STMicroelectronics M69KB096AB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
2 Signal descriptions
M69KB096AB
10/73
2
Signal descriptions
The signals are summarized in Figure 1: Logic Diagram, and Table 1: Signal Names.
2.1
Address Inputs (A0-A21)
The Address Inputs select the cells in the memory array to access during read and write
operations.
2.2
Data Inputs/Outputs (DQ8-DQ15)
The Upper Byte Data Inputs/Outputs carry the data to or from the upper part of the selected
address during a write or read operation, when Upper Byte Enable (UB) is driven Low. When
disabled, the Data Inputs/Outputs are high impedance.
2.3
Data Inputs/Outputs (DQ0-DQ7)
The Lower Byte Data Inputs/Outputs carry the data to or from the lower part of the selected
address during a write or read operation, when Lower Byte Enable (LB) is driven Low. When
disabled, the Data Inputs/Outputs are high impedance.
2.4
Chip Enable (E)
Chip Enable, E, activates the device when driven Low (asserted). When de-asserted (VIH), the
device is disabled and goes automatically in low-power Standby mode or Deep Power-Down
mode, according to the RCR settings.
2.5
Output Enable (G)
When held Low, VIL, the Output Enable, G, enables the Bus Read operations of the memory.
2.6
Write Enable (W)
Write Enable, W, controls the Bus Write operation of the memory. When asserted (VIL), the
device is in write mode and write operations can be performed either to the configuration
registers or to the memory array.
2.7
Upper Byte Enable (UB)
The Upper Byte Enable, UB, gates the data on the Upper Byte Data Inputs/Outputs (DQ8-
DQ15) to or from the upper part of the selected address during a write or read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com