Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7333C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7333C
Description  28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7333C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7333C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ACE7333C
28V, 3A, 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
2
Absolute Maximum Ratings
Parameter
Value
Supply Voltage VIN
-0.3V to 30V
Switch Node Voltage VSW
-0.3V to (VIN+0.5V)
Boost Voltage VBST
VSW-0.3V to VSW+5V
Enable Voltage VEN
-0.3V to 12V
The others Pins
-0.3V to 6V
Operating Temperature Range
-40°C to 85°C
Storage Temperature Range
-65°C to 150°C
Lead Temperature (Soldering, 10s)
300°C
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
Packaging Type
ESOP-8
Pinout Description
Pin NO.
Name
Description
1
BST
High side power transistor gate drive boost input.
2
VIN
Power input. Bypass with a 22uF ceramic capacitor to GND.
3
SW
Power switching node to connect inductor.
4
GND
Ground.
5
FB
Feedback input with reference voltage set to 0.8V.
6
NC
No connection
7
EN
Enable input. Set this pin to high level to enable the part, low level to disable.
8
NC
No connection
Ordering information
ACE7333C XX+ H
Pb - free
IM: ESOP-8
Halogen - free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com