Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7333C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE7333C
Description  28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7333C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE7333C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACE7333C
28V, 3A, 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
3
Typical Application
Note: If the input voltage is below 12V, R1 can be set to 0K and R2 can be removed.
VIN=24V, the recommended BOM list is shows as below.
VOUT
C1
C2
L
R3
R4
C5
5V
10uF/MLCC
10uF/MLCC
3.3uH-6.8uH
68K
13K
22uF/MLCC
3.3V
2.2uH-4.7uH
47K
15K
2.8V
2.2uH-4.7uH
30K
12K
2.5V
2.2uH-4.7uH
39K
18K
1.8
2.2uH-4.7uH
15K
12K
1.2V
2.2uH-3.3uH
7.5K
15K
5V
100uF/35V/ECL
0.1uF/MLCC
3.3uH-6.8uH
68K
13K
220uF/6.3V/ECL
3.3V
2.2uH-4.7uH
47K
15K
2.8V
2.2uH-4.7uH
30K
12K
2.5V
2.2uH-4.7uH
39K
18K
1.8
2.2uH-3.3uH
15K
12K
1.2V
2.2uH-3.3uH
7.5K
15K
CIN &COUT use Ceramic Capacitors Application Circuit
CIN &COUT use Electrolytic Capacitors Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com