Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7333C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE7333C
Description  28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7333C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE7333C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ACE7333C
28V, 3A, 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
4
Block Diagram
Electrical Characteristics
(VIN =12V, TA=25°C, unless otherwise stated)
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
3.8
28
V
UVLO Threshold
Vin Rising
3.8
V
UVLO Hypothesis
Vin Falling
200
mV
Supply Current in Operation
VEN= 5V, VFB = 1V
150
uA
Supply Current in Shutdown
VEN = 0V
1
uA
Regulated Feedback Voltage
3.8V≤VIN ≤30V
0.784
0.8
0.816
V
High-side Switch On Resistance
VBST-SW = 5V
150
mΩ
Low-side Switch On Resistance
VIN = 5V
90
mΩ
High-side Switch Leakage Current
VEN = 0V, VSW = 0V
0.1
1
uA
Upper Switch Current Limit
Minimum Duty Cycle
5
A
Oscillation Frequency
500
KHz
Maximum Duty Cycle
93
%
Minimum On Time
100
ns
EN Input Voltage “H”
1.5
V
EN Input Voltage “L”
0.6
V
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com