Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7333C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7333C
Description  28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7333C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7333C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ACE7333C
28V, 3A, 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
1
Description
The ACE7333C is a fully integrated synchronous rectified step-down converter that provides wide 3.8V
to 28V input voltage range and 3A continuous load current capability. The ACE7333C can operate at PFM
mode to achieve high efficiency and reduce power loss at light load. In shutdown mode, the Max supply
current is
about 3μA.
The ACE7333C protection function includes cycle-by- cycle current limit, UVLO and thermal shutdown.
Besides, internal soft-start prevents inrush current at fast power-on. This device uses slope compensated
current mode control which provides fast load transient response. Internal loop compensation function
reduces the external compensator components and simplifies the design process.
The ACE7333C requires a minimum number of readily available standard external components and is
available in ESOP-8 (Exposed Pad) package and provides good thermal conductance.
Features
Wide Input Voltage Range: 3.8V to 28V
3A Output Current
0.8V Reference Voltage
Low RDS(ON) Integrated Power MOSFET
(150/90mΩ)
3μA(Max) Shutdown Current
Integrated internal compensation
High Efficiency at Light Load
Internal 1ms Soft-Start
Cycle-by-Cycle Current Limit
Over-Temperature Protection with Auto Recovery
Under Voltage Lockout(UVLO)
Hiccup Short Circuit Protection
Available in ESOP8 Exposed Pad Package
RoHS Compliant
Application
Distributed Power System
Flat Panel Television and Monitors
STB (Set-Top-Box)
Networking, XDSL Modem
Recommended Work Conditions
Item
Min
Max.
Unit
Supply Voltage VIN
3.8
28
V
Ambient Temperature
-40
85
°C


Similar Part No. - ACE7333C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7333M ACE-ACE7333M Datasheet
587Kb / 6P
P-Channel 30-V (D-S) MOSFET
VER 1.1
More results

Similar Description - ACE7333C

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Global Mixed-mode Techn...
G5798 GMT-G5798 Datasheet
76Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
G5796 GMT-G5796 Datasheet
88Kb / 1P
500kHz 2A/3A Synchronous Step-down DC/DC
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
18V, 3A, 500KHz Synchronous Step-Down
logo
AiT Semiconductor Inc.
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
A7322 AITSEMI-A7322 Datasheet
776Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 2A, 500kHZ SYNCHRONOUS
REV1.1 - MAY 2020
A7332 AITSEMI-A7332 Datasheet
658Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 28V, 3A, 500kHz, SYNCHRONOUS
REV1.1 - DEC 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com