Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7333C Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE7333C
Description  28V, 3A, 500KHz Synchronous Step-Down DC/DCConverter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7333C Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE7333C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 9Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 10Page - ACE Technology Co., LTD. ACE7333C Datasheet HTML 11Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ACE7333C
28V, 3A, 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
9
For ceramic capacitors, the capacitance dominates the impedance at the switching frequency and causes
most of the output voltage ripple. For simplification, estimate the output voltage ripple with:
For tantalum or electrolytic capacitors, the ESR dominates the impedance at the switching frequency. For
simplification, the output ripple can be approximated with:
The characteristics of the output capacitor also affect the stability of the regulation system. The
ACE7333C can be optimized for a wide range of capacitance and ESR values.
PCB Layout Recommendation
The device’s performance and stability are dramatically affected by PCB layout. It is recommended to
follow these general guidelines shown as below:
1.
Place the input capacitors and output capacitors as close to the device as possible. The traces which
connect to these capacitors should be as short and wide as possible to minimize parasitic inductance
and resistance.
2.
Place feedback resistors close to the FB pin.
3.
Keep the sensitive signal (FB) away from the switching signal (SW).
4.
The exposed pad of the package should be soldered to an equivalent area of metal on the PCB. This
area should connect to the GND plane and have multiple via connections to the back of the PCB as
well as connections to intermediate PCB layers. The GND plane area connecting to the exposed pad
should be maximized to improve thermal performance.
5.
Multi-layer PCB design is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com