Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3085ESA Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3085ESA
Description  5V power supply half-duplex, with 짹16KV ESD protection, 1Mbps communication rate, 256-node RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3085ESA Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3085ESA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
正向输入阈值电压
VIT+
-7V≦VCM≦12V
-50
mV
反向输入阈值电压
VIT-
-7V≦VCM≦12V
-200
mV
输入迟滞电压
Vhys
-7V≦VCM≦12V
10
30
mV
高电平输出电压
VOH
IOUT = −4mA,
VID = +200 mV
VCC-1.5
V
低电平输出电压
VOL
IOUT = +4mA,
VID = -200 mV
0.4
V
三态输入漏电流
IOZR
0.4 V < VO < 2.4 V
±1
uA
接收端输入电阻
RIN
-7V≦VCM≦12V
96
接收器短路电流
IOSR
0 V≤V
O≤VCC
±7
±95
mA
(如无另外说明,VCC=5V±10% ,Temp=T
MIN~TMAX,典型值在 VCC=+5V,Temp=25℃)
参数
符号
测试条件
最小
典型
最大
单位
供电电流
ICC1
/RE=0V 或 VCC,
DE = 0 V
180
300
uA
ICC2
/RE=VCC,
DE=VCC
150
300
uA
关断电流
ISHDN
/RE=VCC,
DE=0V
0.5
10
uA
参数
符号
测试条件
最小
典型
最大
单位
A、B
人 体 模 型
(HBM)
±16
KV
接触放电
±16
KV
其它端口
人 体 模 型
(HBM)
±6
KV
供电电流
ESD 保护
具有±16KV ESD 保护,1Mbps 通迅速率,256 节点 RS485/RS422 收发器
LM3085ESA
5V 供电 半双工,
Rev :
www.leiditech.com
01.06.2018
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com