Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM3085ESA Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3085ESA
Description  5V power supply half-duplex, with 짹16KV ESD protection, 1Mbps communication rate, 256-node RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3085ESA Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LM3085ESA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3085ESA Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
使能到输出高时间
tRZH
CL = 100 pF,
S2 闭合
(见图 9,10)
25
40
ns
从输出低到
禁能时间
tRLZ
CL = 100 pF,
S1 闭合
(见图 9,10)
25
50
ns
从输出高到
禁能时间
tRHZ
CL= 100pF,
S2 闭合
(见图 9,10)
25
50
ns
关断状态下
使能到输出高时间
tRZH(SHDN)
CL = 100 pF,
S2 闭合
(见图 9,10)
1000
ns
关断状态下
使能到输出低时间
tRZL(SHDN)
CL
= 100 pF,
S1 闭合
(见图 9,10)
1000
ns
进入关断状态时间
tSHDN
NOTE2
50
200
600
ns
NOTE2:当/RE=1,DE=0 持续时间小于 50ns 时,器件必不进入 shutdown 状态,当大于 600ns 时,必
定进入 shutdown 状态。
发送功能表
接收功能表
控制
输入
输出
控制
输入
输出
/RE
DE
DI
A
B
/RE
DE
A-B
RO
X
1
1
H
L
0
X
≥-50mV
H
X
1
0
L
H
0
X
≤-200mV
L
0
0
X
Z
Z
0
X
开/短路
H
1
0
X
Z(shutdown)
1
X
X
Z
X:任意电平;Z:高阻。
X:任意电平;Z:高阻。
功能表
具有±16KV ESD 保护,1Mbps 通迅速率,256 节点 RS485/RS422 收发器
LM3085ESA
5V 供电 半双工,
Rev :
www.leiditech.com
01.06.2018
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com