Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCRT-FPC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # BCRT-FPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button BCRT-FPC Datasheet HTML 10Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 17Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
RTI-14
3.0 PIN IDENTIFICATION AND DESCRIPTION
RCS
RRD/RWR
RCV
XMIT
MC/SA
COMSTR
TIMERON
STATUS
MES ERR
UT1553B
RTI
POWER
VDD
GROUND
VSS
MRST
BIPHASE
OUT
BIPHASE
IN
BIPHASE IN A O
TERMINAL
ADDRESS
TA0
TA1
TA2
TA3
TA4
TALEN/PARITY
MODE/CODE
SUBADDRESS
MCSA0
MCSA1
MCSA2
MCSA3
MCSA4
STATUS
SIGNALS
BCEN
ILL COMM
CS
RD/WR
CTRL
ADOEN
CONTROL
SIGNALS
ADDR IN 0
ADDR IN 1
ADDRESS BUS
ADDR IN(10:0)
DATA I/O 12
DATA I/O 13
DATA I/O 15
DATA I/O 0
DATA I/O 1
DATA I/O 2
DATA I/O 3
DATA I/O 4
DATA I/O 5
DATA I/O 6
DATA I/O 7
DATA I/O 8
DATA I/O 9
DATA I/O 10
DATA I/O 11
DATA BUS
DATA(15:0)
12MHz
BIPHASE IN A Z
BIPHASE IN B O
BIPHASE IN B Z
BIPHASE OUT A O
BIPHASE OUT A Z
BIPHASE OUT B O
BIPHASE OUT B Z
CLOCK
RESET
VSS
2MHz
CH A/B
DATA I/O 14
Figure 7. UT1553B RTI Pin Description
ADDR IN 2
ADDR IN 3
ADDR IN 4
ADDR IN 5
ADDR IN 6
ADDR IN 7
ADDR IN 8
ADDR IN 9
ADDR IN 10
DMARQ
MEMCK
DMA
EXT TEST
EXT TST CH SEL A/B
TEST
ADDR OUT 0
ADDR OUT 1
ADDR OUT 2
ADDR OUT 3
ADDR OUT 4
ADDR OUT 5
ADDR OUT 6
ADDR OUT 7
ADDR OUT 8
ADDR OUT 9
ADDR OUT 10
ADDRESS BUS
ADDR OUT
(10:0)
(K3)
(K1)
(H2)
(G3)
(G1)
(F3)
(E1)
(F2)
(D2)
(B1)
(B2)
(L1)
(J2)
(H1)
(G2)
(F1)
(E3)
(E2)
(D1)
(C1)
(C2)
(L9)
(K9)
(D11)
(F11)
(B10)
(K2)
(F10)
(K11)
(L7)
(G10)
(K7)
(E9)
(E10)
(C11)
(L3)
(L5)
(L6)
(J7)
(F9)
(E11)
(H11)
(B11)
(K6)
(J6)
(G11)
(D10)
(J5)
(L4)
(K4)
(L2)
(K5)
(B8)
(B7)
(A7)
(C6)
(B9)
(C10)
(A1)
(B3)
(A2)
(A3)
(B4)
(A4)
(C5)
(B5)
(A5)
(A6)
(C7)
(B6)
(A8)
(A9)
(A10)
(A11)
(J10)
(K10)
(G9)
(H10)
(L10)
(L11)
(K8)
(L8)
Note:
Pingrid array numbers are in parentheses. LCC pin numbers are not in parentheses.
27
28
32
30
37
39
33
34
64
62
60
58
56
52
14
16
17
18
19
49
41
22
21
51
38
45
43
23
26
25
44
46
50
15
20
13
9
7
5
3
1
8
8
7
7
7
74
73
72
71
70
69
68
67
66
65
63
61
59
57
55
53
11
10
8
6
4
2
84
82
80
78
76
29
31
48
47
54
12
42
35
24
40
BRDCST
36 (J11)
(J1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com