Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCRT-FPC Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # BCRT-FPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPC Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button BCRT-FPC Datasheet HTML 44Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 45Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 46Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 47Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 48Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 49Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 50Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 51Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 52Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
UT1553B RTI Remote Terminal Interface
Lead Finish:
(A) =
Solder
(C)
=
Gold
(X) =
Optional
Screening:
(C)
=
Military Temperature
(P)
=
Prototype
Package Type:
(G) =
84 pin PGA
Modifier:
RTI = 10% to 35% Clock Duty Cycle
UTMC Core Part Number
UT1553B -
*
*
*
*
Notes:
1. Lead finish (A, C, or X) must be specified.
2. If an "X" is specified when ordering, part marking will match the lead finish and will be either "A" (solder) or "C" (gold).
3. Mil Temp range flow per UTMC’s manufacturing flows document. Devices are tested at -55
°C, room temperature, and 125°C.
4. Prototpe flow per UTMC’s document manufacturing flows and are tested at 25
°C only. Lead finish is GOLD only.
5. Prototypes and reduced high-reliability devices are only available with 40% to 60% clock duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com