Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCRT-FPC Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # BCRT-FPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPC Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  BCRT-FPC Datasheet HTML 1Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 2Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 3Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 4Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 5Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 6Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
RTI-5
The 8-bit write-only Control Register manages the operation of the RTI. Write to the Control Register by applying a logic zero
to CS, CTRL, RD/WR, and ADDR IN (0); if ADDR IN (0) is a logic one a master reset occurs. Data is loaded into the Control
Register via I/O pins DATA(7:0). Control Register writes must occur 50ns before the rising edge of COMSTR to latch data in
the outgoing status word.
System Register (Read Only)
The 16-bit read-only System Register provides the RTI system status. Read the System Register by applying a logic zero to
CS, CTRL, ADDR IN (0), and a logic one to RD/WR. The 16-bit contents of the System Register are read from data I/O pins
DATA(15:0).
Bit
Number
Initial
Condition
Description
0
[0]
Channel A Enable. A logic one enables Channel A biphase inputs.
1
[0]
Channel B Enable. A logic one enables Channel B biphase inputs.
2
[0]
Terminal Flag. A logic one sets the Terminal Flag bit of the Status Register.
3
[0]
System Busy. A logic one sets the Busy bit of the System Register and inhibits
RTI access to memory. No data words are retrieved or stored; command word is
stored.
4
[0]
Subsystem Busy. A logic one sets the Subsystem Flag bit of the Status Register.
5
[0]
Self-Test Channel Select. This bit selects which channel the internal self-test
checks; a logic one selects Channel A and a logic zero selects Channel B.
6
[0]
Self-Test Enable. A logic one sets the RTI in the internal self-test mode and inhib-
its normal operation. Internal testing is not visible on biphase output
channels.
7
[0]
Service Request. A logic one sets the Service Request bit of the Status Register.
X
SRV
RQ
SELF
TEST
SUBS
BUSY
TF
CH B
EN
CH A
EN
SELF
CH
[ ] defines reset state
CONTROL REGISTER (WRITE ONLY)
MSB
Figure 4. Control Register
X
X
X
X
X
X
X
[0]
[0]
[0]
[0]
[0]
[0]
[0]
[0]
LSB
Bit
Number
Initial
Condition
Description
0
[0]
MCSA(0). The LSB of the mode code or subaddress as indicated by the
logic state of bit 5.
1
[0]
MCSA(1). Mode code or subaddress as indicated by the state of bit 5.
2
[0]
MCSA(2). Mode code or subaddress as indicated by the state of bit 5.
3
[0]
MCSA(3). Mode code or subaddress as indicated by the state of bit 5.
4
[0]
MCSA(4). Mode code or subaddress as indicated by the state of bit 5.
5
[0]
MC/SA. A logic one indicates that bits 4 through 0 are the subaddress of
the last command word, and that the last command word was a normal
transmit orreceive command. A logic zero indicates that bits 4 through 0
are a mode code, and that the last command was a mode code.
6
[1]
Channel A/B. A logic one indicates that the most recent command arrived
onChannel A; a logic zero indicates that it arrived on Channel B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com