Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCRT-FPC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BCRT-FPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BCRT-FPC Datasheet HTML 1Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 2Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 3Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 4Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 5Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 6Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
RTI-1
FEATURES
Ë Complete MIL-STD-1553B Remote Terminal
interface compliance
Ë Dual-redundant data bus operation supported
Ë Internal illegalization of selected mode code
commands
Ë External illegal command definition capability
Ë Automatic DMA control and address generation
Ë Operational status available via dedicated lines or
internal status register
Ë ASD/ENASC (formerly SEAFAC) tested and
approved
Ë Available in ceramic 84-lead leadless chip carrier and
84-pin pingrid array
Ë Full military operating temperature range, -55
°C to
+125
°C, screened to the specific test methods listed in
Table I of MIL-STD-883, Method 5004, Class B
Ë JAN-qualified devices available
Figure 1. UT1553B RTI Functional Block Diagram
IN
A
OUT
IN
B
OUT
DECODER
CHANNEL
A
DECODER
CHANNEL
B
ENCODER
MUX
16
MODE CODE/
SUB ADDRESS
COMMAND
RECOGNITION
LOGIC
CONTROL
AND
ERROR LOGIC
DATA
TRANSFER
LOGIC
ILLEGAL
COMMAND
MEMORY
ADDRESS
CONTROL
TIMEOUT
CLOCK AND
RESET LOGIC
2MHz
DATA I/O BUS
OUTPUT EN
MEMORY
ADDRESS
OUTPUTS
CONTROL
INPUTS
HOST
SYSTEM
ADDRESS
INPUTS
CONTROL
OUTPUTS
TIMERON
12MHz
RESET
UT1553B RTI Remote Terminal Interface


Similar Part No. - BCRT-FPC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BCR VISHAY-BCR Datasheet
102Kb / 3P
Thin Film, Back-Contact Resistor
12-Mar-08
BCR VISHAY-BCR Datasheet
76Kb / 3P
Thin Film, Back-Contact Resistor
26-Oct-2020
logo
Renesas Technology Corp
BCR08AM RENESAS-BCR08AM Datasheet
93Kb / 6P
LOW POWER USE PLANAR PASSIVATION TYPE
BCR08AM RENESAS-BCR08AM Datasheet
94Kb / 6P
MITSUBISHI SEMICONDUCTOR
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
Triac Low Power Use
More results

Similar Description - BCRT-FPC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
CT19901 AEROFLEX-CT19901 Datasheet
232Kb / 29P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT1995 AEROFLEX-CT1995 Datasheet
277Kb / 25P
MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
CT2561 AEROFLEX-CT2561 Datasheet
103Kb / 9P
CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
logo
Dynex Semiconductor
MA3690 DYNEX-MA3690 Datasheet
426Kb / 41P
1553B Bus Controller/Remote Terminal
logo
ON Semiconductor
NCT7491 ONSEMI-NCT7491_16 Datasheet
791Kb / 80P
Remote Thermal Monitor and Fan Controller
June, 2016 ??Rev. 3
ADT7463 ONSEMI-ADT7463_13 Datasheet
732Kb / 50P
Remote Thermal Controller and Voltage Monitor
May, 2013 ??Rev. 7
ADT7467 ONSEMI-ADT7467_12 Datasheet
754Kb / 72P
Remote Thermal Monitor and Fan Controller
May, 2012 ??Rev. 4
ADT7476A ONSEMI-ADT7476A_16 Datasheet
541Kb / 69P
Remote Thermal Controller and Voltage Monitor
February, 2016 ??Rev. 7
ADT7490 ONSEMI-ADT7490_16 Datasheet
763Kb / 75P
Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com