Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCRT-FPC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BCRT-FPC
Description  BCRT Bus Controller/Remote Terminal/Monitor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BCRT-FPC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BCRT-FPC Datasheet HTML 1Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 2Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 3Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 4Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 5Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 6Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 7Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCRT-FPC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
RTI-4
The host microprocessor gains access to the RTI internal
registers by controlling input pins CS, CTRL, ADDR IN
(10:0), and RD/WR. During message processing the host
microprocessor should limit access to RTI internal registers.
1.1.2 Transparent Memory Access
Configured in the transparent memory mode the host
microprocessor accesses shared memory through the RTI.
Arbitration for access to the bus is performed as discussed
in section 1.1.1 of this document.
When granted access to memory, the RTI asserts memory
control signals ADDR OUT(10:0), RCS, and RRD/RWR.
For host-controlled memory accesses the RAM memory
address from the host is propagated from the Address In bus
ADDR IN (10:0) to theAddress Out busADDR OUT (10:0).
Memory control signals RD/WR and CS are also propagated
through the RTI as RRD/RWR and RCS. Input CTRL is
negated during all transparent memory accesses to prevent
the RTI from inadvertently performing an internal register
access or software reset. While CS is asserted, the RTI’s
bidirectional Data bus DATA I/O (15:0) is an input (i.e., not
actively driving bus).
The host microprocessor gains access to the RTI internal
registers by controlling input pins CS, CTRL, ADDR IN
(10:0), and RD/WR. During message processing the host
microprocessor should limit access to RTI internal registers.
The host should not assert CS while the RTI is performing
a memory access.
1.2 Internal Register Description
The RTI uses three internal registers to allow the host to
control the RTI operation and monitor its status. The host
uses the following inputs Control (CTRL), Chip Select
(CS), Read/Write (RD/WR), and ADDR IN (0) to read the
16-bit System Register or write to the 8-bit Control Register.
The Control Register toggles bits in the MIL-STD-1553B
status word, enables biphase inputs, selects terminal active
flag, and puts the part in self-test. The System Register
supplies operational status of the UT1553B RTI to the host.
The Last Command Register saves the command word for
a Transmit Last Command mode code, along with
operational status from the System Register.
Shared
Memory
Host
Computer
RTI
UT1553B
DMA
CONTROLLER
Figure 2. Direct Memory Access Configuration
DATA(15:0)
ADDR(10:0)
CONTROL
CONTROL
Control Register (Write Only)
Figure 3. Transparent Memory Access Configuration
Shared
Memory
Host
Computer
RTI
UT1553B
DMA
CONTROLLER
DATA(15:0)
ADDR IN (10:0)
CONTROL
ADDR OUT (10:0)
CONTROL
DATA I/O (15:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com