Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3722 Datasheet(PDF) 6 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 6 Page - ams AG

Back Button AS3722 Datasheet HTML 2Page - ams AG AS3722 Datasheet HTML 3Page - ams AG AS3722 Datasheet HTML 4Page - ams AG AS3722 Datasheet HTML 5Page - ams AG AS3722 Datasheet HTML 6Page - ams AG AS3722 Datasheet HTML 7Page - ams AG AS3722 Datasheet HTML 8Page - ams AG AS3722 Datasheet HTML 9Page - ams AG AS3722 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 198 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Pin Assignment
Figure 5:
Ball Assignment (WL-CSP108)
Ball Assignment: Shows the top view pin assignment of the AS3722 in the WL-CSP108.
1
2
3
4
5
6
7
8
9
10
11
12
A
PWM_
DAT2_
ADC1
ONKEY
LDO7
LDO5
LDO6
LDO1
LDO9
LDO3
LDO4
GPIO0
GPIO5
XINT
B
PWM_
CLK2_
ADC1
THERM
VIN_LDO
0
VIN_LDO
2_5_7
LDO2
VIN_LDO
1_6
VIN_LDO
9_10
VIN_LDO
3_SW
VIN_LDO
11
GPIO4
CLK32K
GPIO7
C
CTRL1_
SD6
ENABLE
1
XRES_IN
LDO0
PWM_
DAT1
PWM_
CLK1
VIN_LDO
3_LV
LDO11
GPIO3
VSUP_
GPIO
OC_PG
SCL_
SCLK
D
CTRL2_
SD6
CTRL1_
SD1
ENABLE2
AC_OK
CTRL2_
SD1
LDO10
VIN_LDO
3_4
GPIO2
VBAT
VDD_
GPIO_LV
SDA_SDI
V2_5
E
CTRL5_
SD0
CTRL2_
SD0
CTRL1_
SD0
CTRL3_
SD0
CTRL4_
SD0
VSSA
GPIO1
EN5V
XOUT
32K
XIN32K
CREF
VSUP_
ANA
F
TEMP2_
SD0
CTRL6_
SD0
VSUP_
GPIO
TEMP1_
SD0
TEMP3_
SD0
FB_SD0_
P
GPIO6
XRES_
OUT
VSSA
FB_SD5
RBIAS
FB_SD2
G
FB_SD6
_N
FB_SD6
_P
TEMP_
SD1
FB_SD1_
P
FB_SD1
_N
VSSA
VSSA
LX_SD2
LX_SD2
FB_SD3
VSS_
SD3
VSS_
SD3
H
TEMP1_
SD6
FB_SD4
FB_SD0_
N
VSUP_
SD4_5
LX_SD5
VSS_
SD5
VSS_
SD2
VSUP_
SD2
LX_SD2
VSS_
SD2
LX_SD3
VSUP_
SD3
J
TEMP2_
SD6
VSS_
SD4
LX_SD4
VSUP_
SD4_5
LX_SD5
VSS_
SD5
VSS_
SD2
VSUP_
SD2
LX_SD2
VSS_
SD2
LX_SD3
VSUP_
SD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com