Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3722 Datasheet(PDF) 7 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 7 Page - ams AG

Back Button AS3722 Datasheet HTML 3Page - ams AG AS3722 Datasheet HTML 4Page - ams AG AS3722 Datasheet HTML 5Page - ams AG AS3722 Datasheet HTML 6Page - ams AG AS3722 Datasheet HTML 7Page - ams AG AS3722 Datasheet HTML 8Page - ams AG AS3722 Datasheet HTML 9Page - ams AG AS3722 Datasheet HTML 10Page - ams AG AS3722 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 198 page
background image
ams Datasheet
Page 7
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Pin Assignment
Pin Description
Figure 6:
Pin Description
Pin Number
Pin Name
I/O
Description
Maximum
Voltage
If Not Used
CTBGA
WL-CSP
F4
D11
SDA_SDI
DI
SPI digital input in SPI
mode; Data IO in I2C mode.
VSUP
Open
G4
C12
SCL_SCLK
DI
SPI clock input in SPI mode;
SCK input in I2C mode.
VSUP
Open
E2
ENABLE3_SDO
DIO
SPI digital output in SPI
mode
VSUP
Define level
H6
SCSB
DI
SPI chip-select in SPI mode;
connect to VSS in I2C mode.
VSUP
VSS
B14
B3
VIN_LDO0
S
Supply pad for LDOs
5.5V
Mandatory
A8
B6
VIN_LDO1_6
S
Supply pad for LDOs
5.5V
Mandatory
A6
B7
VIN_LDO9_10
S
Supply pad for LDOs
5.5V
Mandatory
A3
D7
VIN_LDO3_4
S
Supply pad for LDOs
5.5V
Mandatory
A12
B4
VIN_LDO2_5_7
S
Supply pad for LDOs
5.5V
Mandatory
A4
B8
VIN_LDO3_SW
S
Supply pad for LDO3 switch
function
3.6V
Mandatory
B1
B9
VIN_LDO11
S
Supply pad for LDOs
5.5V
Mandatory
A13
C4
LDO0
AO
Output voltage of LDO -
NMOS_0.6
VIN_LDO0
Open
B9
A6
LDO1
AO
Output voltage of LDO -
PMOS_1
VIN_LDO1_
6
Open
A9
B5
LDO2
AO
Output voltage of LDO -
PMOS_1
VIN_LDO2_
5_7
Open
B6
C7
VIN_LDO3_LV
S
Supply pad for LDO3 NMOS
function
3.6V
Open
A2
A9
LDO4
AO
Output voltage of LDO -
PMOS_0.6
VIN_LDO3_
4
Open
A10
A4
LDO5
AO
Output voltage of LDO -
PMOS_0.6
VIN_LDO2_
5_7
Open
A7
A5
LDO6
AO
Output voltage of LDO -
PMOS_0.6
VIN_LDO1_
6
Open
A11
A3
LDO7
AO
Output voltage of LDO -
PMOS_0.6
VIN_LDO2_
5_7
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com