Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3722 Datasheet(PDF) 1 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 1 Page - ams AG

  AS3722 Datasheet HTML 1Page - ams AG AS3722 Datasheet HTML 2Page - ams AG AS3722 Datasheet HTML 3Page - ams AG AS3722 Datasheet HTML 4Page - ams AG AS3722 Datasheet HTML 5Page - ams AG AS3722 Datasheet HTML 6Page - ams AG AS3722 Datasheet HTML 7Page - ams AG AS3722 Datasheet HTML 8Page - ams AG AS3722 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 198 page
background image
ams Datasheet
Page 1
[v1-01] 2015-Sep-07
Document Feedback
AS3722
Multi-Phase DCDC Controller PMIC
The AS3722 is a compact System PMU supporting up to 20 high
current rails.
The device offers advanced power management functions. All
necessary ICs and peripherals in a battery powered mobile
device are supplied by the AS3722. It features 4 DCDC buck
converters as well as 11 low noise LDOs. The different regulated
supply voltages are programmable via the serial control
interface. 3-4MHz operation with 0.47uH coils is reducing cost
and PCB space.
AS3722 further features 3 DCDC buck controller which are ideal
to support processor currents ranging from 5A up to 32A
depending on the used power stages. The multi-phase
topology operating on 3MHz ensures fast load transient
responses and reduces the footprint for external components.
The single supply voltage may vary from 2.7V to 5.5V.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS3722, Multi-Phase DCDC
Controller PMIC are listed below:
Figure 1:
Added Value of Using AS3722
Benefits
Features
• Compact design due to small coils for IO and
memory voltage generation
• 4 DCDC step down regulators (3-4MHz)
• Output (0.6V-3.35V; 1x5A, 1x2A, 2x1.5A)
• High current generation with external power
stages to minimize PMIC power dissipation
• 3 DCDC step down controller
• DVM (0.6V-1.5V; 1x6A, 1x12A, 1x24A)
• Multiple independent voltage rails for general
purpose IO supplies
• 11 universal LDOs
• 9x universal IO range(0.8-3.3V; 0.3A)
• 1x low output range (0.6-1.5V; 0.3A)
• 1x extended input range (0.8-1.2V; 0.3A)
• Ultra low-power oscillator and no external caps
needed
• RTC
• 1μA total power consumption
• Programmable alarm
• Auto wake-up, repeating alarms
• 32kHz output to peripherals
General Description


Similar Part No. - AS3722

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS3722 AMSOSRAM-AS3722 Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3722-BCTR-ES AMSOSRAM-AS3722-BCTR-ES Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3722-BCTT-00 AMSOSRAM-AS3722-BCTT-00 Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3722-BCTT-XX AMSOSRAM-AS3722-BCTT-XX Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
AS3722-BWLT-00 AMSOSRAM-AS3722-BWLT-00 Datasheet
4Mb / 199P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
More results

Similar Description - AS3722

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
Multi-Phase PWM Controller
December 28, 2004
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
Multi-Phase PWM Controller
December 29, 2004
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
Semtech Corporation
SC4201 SEMTECH-SC4201 Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201 SEMTECH-SC4201_04 Datasheet
243Kb / 12P
Multi-Phase Link Controller
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
ON Semiconductor
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com