Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3722 Datasheet(PDF) 5 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 5 Page - ams AG

  AS3722 Datasheet HTML 1Page - ams AG AS3722 Datasheet HTML 2Page - ams AG AS3722 Datasheet HTML 3Page - ams AG AS3722 Datasheet HTML 4Page - ams AG AS3722 Datasheet HTML 5Page - ams AG AS3722 Datasheet HTML 6Page - ams AG AS3722 Datasheet HTML 7Page - ams AG AS3722 Datasheet HTML 8Page - ams AG AS3722 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 198 page
background image
ams Datasheet
Page 5
[v1-01] 2015-Sep-07
Document Feedback
AS3722 − Pin Assignment
Figure 4:
Pin Assignment (CTBGA124)
Pin Assignment: Shows the top view pin assignment of the AS3722 in the CTBGA124.
1
2
34
56
7
8
9
10
11
12
13
14
A
VSSA
LDO4
VIN_
LDO3_
4
VIN_
LDO3_
SW
LDO9
VIN_
LDO9_
10
LDO6
VIN_
LDO1_
6
LDO2
LDO5
LDO7
VIN_
LDO2_
5_7
LDO0
VSSA
B
VIN_
LDO11
GPIO4
GPIO6
LDO11
VIN_
LDO3_
LV
LDO3
LDO10
LDO1
ONKEY
PWM_
CLK2_
ADC1
PWM_
DAT2_
ADC2
VIN_
LDO0
C
XINT
GPIO5
CTRL1
_SD6
CTRL2
_SD6
D
CLK
32K
GPIO7
GPIO2
GPIO0
LID
THERM
PWM_
CLK1
PWM_
DAT1
CTRL1
_SD1
CTRL2
_SD1
E OC_PG
ENABLE
3_SDO
GPIO3
ENABL
E2
CTRL1
_SD0
CTRL2
_SD0
F
VSS_
GPIO
VDD_
GPIO_
LV
SDA_
SDI
VSSA
ENABL
E1
FB_
SD6_P
CTRL3
_SD0
CTRL4
_SD0
G XIN32K
XOUT
32K
SCL_
SCLK
GPIO1
FB_
SD1_P
FB_
SD6_N
CTRL5
_SD0
CTRL6
_SD0
H
VSUP_
ANA
V2_5
VBAT_
BKUP
SCSB
FB_
SD1_N
FB_
SD0_P
CTRL7
_SD0
CTRL8
_SD0
J
FB_SD
5
RBIAS
CREF
VSSA
XRES_
IN
FB_
SD0_N
TEMP2
_SD0
TEMP
1_SD0
K
FB_SD
2
FB_SD
3
GND
SENSE
TEMP4
_SD0
TEMP3
_SD0
TEMP
_SD1
L
VSUP_
SD3
VSUP_
SD3
XRES_
OUT
EN5V
VBAT
AC_OK
VSUP_
GPIO
FB_SD
4
TEMP2
_SD6
TEMP
1_SD6
M
LX_
SD3
LX_
SD3
VSS_
SD4
VSS_
SD4
N
LX_
SD3
VSS_
SD3
VSS_
SD2
LX_
SD2
VSUP_
SD2
LX_
SD2
VSS_
SD2
VSS_
SD5
LX_
SD5
VSUP_
SD5
VSUP_
SD4
LX_
SD4
P
VSSA
VSS_
SD3
VSS_
SD3
VSS_
SD2
LX_
SD2
VSUP_
SD2
LX_
SD2
VSS_
SD2
VSS_
SD5
LX_
SD5
VSUP_
SD5
VSUP_
SD4
LX_
SD4
VSSA
Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com