Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3722 Datasheet(PDF) 8 Page - ams AG

Part # AS3722
Description  Multi-Phase DCDC Controller PMIC
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3722 Datasheet(HTML) 8 Page - ams AG

Back Button AS3722 Datasheet HTML 4Page - ams AG AS3722 Datasheet HTML 5Page - ams AG AS3722 Datasheet HTML 6Page - ams AG AS3722 Datasheet HTML 7Page - ams AG AS3722 Datasheet HTML 8Page - ams AG AS3722 Datasheet HTML 9Page - ams AG AS3722 Datasheet HTML 10Page - ams AG AS3722 Datasheet HTML 11Page - ams AG AS3722 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 198 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2015-Sep-07
AS3722 − Pin Assignment
B7
A8
LDO3
AO
Output voltage of LDO -
PMOS_1
VIN_LDO8
Open
A5
A7
LDO9
AO
Output voltage of LDO -
PMOS_1
VIN_LDO9_
10
Open
B8
D6
LDO10
AO
Output voltage of LDO -
PMOS_1
VIN_LDO9_
10
Open
B5
C8
LDO11
AO
Output voltage of LDO -
PMOS_1
VIN_LDO11
Open
B10
A2
ONKEY
DI
Input pin to startup (no
pullup/pull down)
5.5V
Define level
F8
C2
ENABLE1
DI
Input pin for transition into
and out of deep-sleep
mode
VSUP
Define level
E11
D3
ENABLE2
DI
Input pin for control of
DCDC0
VSUP
Define level
D8
B2
THERM
DI
Input pin for thermal event
5.5V
Define level
J8
C3
XRES_IN
DI
Input pin for reset during
active and stand-by state
VSUP
Define level
L5
F8
XRES_OUT
DO
Push pull to VDD_GPIO_lv
VSUP
Open
L8
D4
AC_OK
DI
Pin to indicate, that the AC
adaptor is present
5.5V
Define level
D7
LID
DI
Input pin to indicates LID
status of Device
5.5V
Define level
C1
A12
XINT
DO
Push-Pull or open drain
output for interrupt
detection
VSUP
Open
L9
C10, F3
VSUP_GPIO
S
Supply pin for GPIOs
(connect to other VSUP
pins)
5.5V
Mandatory
F2
D10
VDD_GPIO_lv
S
Supply pin for GPIOs
(connect to typical 1.8V or
3.3)
VSUP
Mandatory
F1
VSS_GPIO
AIO
Analog GND input
-
Mandatory
D6
A10
GPIO0
DIO
General purpose
input/output pin
VSUP
Open
G6
E7
GPIO1
DIO
General purpose
input/output pin
VSUP
Open
Pin Number
Pin Name
I/O
Description
Maximum
Voltage
If Not Used
CTBGA
WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com