Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8166 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8166 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
G52252-0, Rev 3.0
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
11/9/99
Figure 4: AC Termination of Low Speed LVPECL CLK16O, CLK32O, D[15:0] Outputs
High Speed Interface
The incoming 2.488Gb/s data is received by high speed inputs DI+. The data inputs are internally termi-
nated by a center-tapped resistor network. For differential input DC coupling, the network is terminated to the
appropriate termination voltage VTERM (pins HSDREF) providing a 50Ω to VTERM termination for both true
and complement inputs. For differential input AC coupling, the network is terminated to VTERM via a blocking
capacitor.
In most situations these inputs will have high transition density and little DC offset. However, in cases
where this does not hold, direct DC connection is possible. Serial data inputs have the circuit topology shown in
Figure 5. The reference voltage is created by a resistor divider as shown. If the input signal is driven differen-
tially and DC-coupled to the part, the mid-point of the input signal swing should be centered about this refer-
ence voltage and not exceed the maximum allowable amplitude (
∆V
CMI, ∆VIHS). For single-ended, DC-coupling
operations, it is recommended that the user provides an external reference voltage which has better temperature
and power supply noise rejection than the on-chip resistor divider. The external reference should have a nominal
value equivalent to the common mode switch point of the DC coupled signal, and can be connected to either
side of the differential gate.
VSC8166
0.1uF
50
Ω
50
Ω
Zo
Zo
0.1uF
VCC-2V
downstream
bias point
generated
internally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com