Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8166 Datasheet(PDF) 5 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 5 Page - Vitesse Semiconductor Corporation

  VSC8166 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 5
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
G52252-0, Rev. 3.0
Figure 5: High Speed Serial Data Inputs
Supplies
This device is specified as a LVPECL device with a single positive 3.3V supply. Should the user desire to
use the device in a ECL environment with a negative 3.3V supply, then VCC will be ground and VEE will be -
3.3V.
Decoupling of the power supplies is a critical element in maintaining the proper operation of the part. It is
recommended that the VCC power supply be decoupled using a 0.1µF and 0.01µF capacitor placed in parallel on
each VCC power supply pin as close to the package as possible. If room permits, a 0.001µF capacitor should
also be placed in parallel with the 0.1
µF and 0.01µF capacitors mentioned above. Recommended capacitors are
low inductance ceramic SMT X7R devices. For the 0.1
µF capacitor, a 0603 package should be used. The
0.01
µF and 0.001µF capacitors can be either 0603 or 0403 packages.
For low frequency decoupling, 47
µF tantalum low inductance SMT caps should be sprinkled over the
board’s main +3.3V power supply and placed close to the C-L-C pi filter.
If the device is being used in an ECL environment with a -3.3V supply, then all references to decoupling
VCC must be changed to VEE, and all references to decoupling 3.3V must be changed to -3.3V.
VCC = 3.3V
VEE = 0V
CIN
Chip Boundary
CIN TYP = 100 pF
CAC TYP = 100pF
ZO
VTerm
CAC
50
Ω
50
Ω
CIN
ZO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com