Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8166 Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC8166 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 9
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
G52252-0, Rev. 3.0
Package Pin Descriptions
Table 3: Package Pin Identification
Pin #
Name
I/O
Level
Description
1NC
—
—
No connect, leave unconnected
2
NC
—
—
No connect, leave unconnected
3
CLKREF
I/O
0V or 1.3V
Reference clock input termination voltage. 1.3V for DC coupling,
otherwise 0V.
4
VCC
—
3.3V typ.
Positive power supply pin
5
VEE_CMU
—
GND typ.
Negative power supply for CMU
6
VEE_CMU
—
GND typ.
Negative power supply for CMU
7
VEE_CMU
—
GND typ.
Negative power supply for CMU
8
VCC_CMU
—
3.3V typ.
Positive power supply for CMU
9
REFCLK+
I
LVPECL
Reference clock input, true.
10
REFCLK-
I
LVPECL
Reference clock input, complement.
11
VCC_CMU
—
3.3V typ.
Positive power supply for CMU
12
VCC
—
3.3V typ.
Positive power supply pin
13
DI+
I
LVPECL
High speed data input, true
14
DI-
I
LVPECL
High speed data input, complement
15
VEE
—
GND typ.
Negative power supply pin
16
VEE
—
GND typ.
Negative power supply pin
17
VEE
—
GND typ.
Negative power supply pin
18
VCC
—
3.3V typ.
Positive power supply pin
19
HSDREF
I
0V or 1.3V
High speed data input termination voltage reference. 1.3V for DC
coupling, otherwise 0V.
20
NC
—
—
No connect, leave unconnected
21
VCC
—
3.3V typ.
Positive power supply pin
22
NC
—
—
No connect, leave unconnected
23
VCC
—
3.3V typ.
Positive power supply pin
24
VCC
—
3.3V typ.
Positive power supply pin
25
VCC
—
3.3V typ.
Positive power supply pin
26
VEE
—
GND typ.
Negative power supply pin
27
VEE
—
GND typ.
Negative power supply pin
28
VEE
—
GND typ.
Negative power supply pin
29
VEE
—
GND typ.
Negative power supply pin
30
VEE
—
GND typ.
Negative power supply pin
31
NC
—
—
No connect, leave unconnected
32
NC
—
—
No connect, leave unconnected
33
NC
—
—
No connect, leave unconnected
34
NC
—
—
No connect, leave unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com