Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8166 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8166 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
G52252-0, Rev. 3.0
Table 1: AC Characteristics
Table 2: DC Characteristics (Over recommended operating conditions).
Parameters
Description
Min
Max
Units
Conditions
tpdd
Data valid from falling
edge of CLK16O+
01.0
ns
tpd32
CLK32O transition from
falling edge of CLK16O+
01.0
ns
tDR, tDF
D[15:0]+/- rise and fall
times
400
ps
20% to 80% into 50 Ohm load
See Figure 7
tCLKR, tCLKF
CLK16O+/- rise and fall
times
400
ps
20% to 80% into 50 Ohm load
See Figure 7
tCLKR32,
tCLKF32
CLK32O+/- rise and fall
times
400
ps
20% to 80% into 50 Ohm load
See Figure 7
CLK16OD
CLK16O+/- duty cycle
distortion
45
55
% of
clock
cycle
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH
PECL output high
voltage
VCC-1.02
VCC-0.70
V
50
Ω Termination to V
CC -
2.0V, See Figure 7
VOL
PECL output low voltage
VCC-
2.00
VCC-1.62
V
50
Ω Termination to V
CC -
2.0V, See Figure 7
∆V
OLVPECL
Low speed output
voltage differential peak-
to-peak swing.
400
1200
mV
50
Ω Termination to V
CC -
2.0V, See Figure 7
∆V
IHS
Serial input differential
(DI+/-)
400
1200
mV
AC Coupled, internally
biased to (VCC+VEE)/2
∆V
CMI
Serial input common
mode voltage
VCC-1.5
VCC-0.5
V
VCC
Supply voltage
3.14
—3.47
V
3.3V± 5%
PD
Power dissipation
—1.7
2.3
W
Outputs open,
VCC = 3.45V
IDD
Supply Current
—
525
660
mA
Outputs open,
VCC = 3.45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com