Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC8166 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8166
Description  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8166 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
G52252-0, Rev. 3.0
Features
General Description
The VSC8166 demultiplexes a 2.488Gbp/s LVPECL serial input datastream (DI+) to 16-bit wide, LVPECL
155Mb/s parallel data outputs (D0:D15+) for SONET/SDH applications. It has an integrated clock and data
recovery unit with an on-chip PLL that internally generates a 2.488GHz clock in phase with the incoming data.
Internal divider circuits are used to take the high-speed clock and generate 155.52MHz (CLK16O+) and
77.76MHz (CLK32O+) LVPECL external output clocks. The incoming data is retimed and demultiplexed to a
16-bit word which is clocked out of the demultiplexer by the 155.52MHz output clock.
Alarm functions support typical telecom system applications. A TTL Loss Of Lock (LOL) indicator can be
externally enabled (LOLEN) to detect when the device goes out of lock, which would most often occur in the
event of a loss of valid data. A TTL No-Reference (NOREF) output indicator flags when the LVPECL Clock
Reference (REFCLK) input to the VSC8166 either is removed, or goes severely out of tolerance. For Loss Of
Signal (LOS) conditions from an Optics Module, the VSC8166 provides a polarity (POL) input to accommo-
date any polarity differences.
Only a single 3.3V power supply is required for device operation and the device is packaged in a thermally
enhanced 128 Pin 14x20x2 mm PQFP Package.
VSC8166 Block DIagram
• 2.488Gb/s 1:16 Demultiplexer
• Fully Integrated Clock and Data Recovery
• Single 3.3V Supply Operation
• Differential LVPECL Low Speed Interface
• Maintains Clock Output in the Absence of
Data
• Loss of Lock, Loss of Signal Indicators
• 128 Pin 14x20x2 mm Enhanced PQFP Pkg.
• 2.3W Max Power Dissipation
Clock
Recovery
Data
Divide
by 16
Divide
by 2
D0+
D0-
D15+
D15-
CLK16O+
CLK16O-
CLK32O+
CLK32O-
DI+
DI-
REFCLK+
REFCLK-
Re-time
NOREF
LOS
LOLEN
LOL
POL
1
0


Similar Part No. - VSC8166

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8163QR VITESSE-VSC8163QR Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8164 VITESSE-VSC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8164QR VITESSE-VSC8164QR Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
More results

Similar Description - VSC8166

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
logo
Vitesse Semiconductor C...
VSC8162 VITESSE-VSC8162 Datasheet
151Kb / 20P
2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
SC8164 VITESSE-SC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com