Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5271 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5271 Datasheet HTML 1Page - Microchip Technology MIC5271 Datasheet HTML 2Page - Microchip Technology MIC5271 Datasheet HTML 3Page - Microchip Technology MIC5271 Datasheet HTML 4Page - Microchip Technology MIC5271 Datasheet HTML 5Page - Microchip Technology MIC5271 Datasheet HTML 6Page - Microchip Technology MIC5271 Datasheet HTML 7Page - Microchip Technology MIC5271 Datasheet HTML 8Page - Microchip Technology MIC5271 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MIC5271
DS20005881B-page 4
2017 - 2022 Microchip Technology Inc. and its subsidiaries
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: V–IN = V–OUT – 1.0V; COUT = 4.7 µF, IOUT = 100 µA; TJ = +25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C; unless otherwise noted. Note 1
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
V–OUT
–2
2
%
Variation from nominal V–OUT.
–3
3
Output Voltage Temperature
Coefficient
ΔV–OUT/ΔT
100
ppm/°C Note 2
Line Regulation
ΔV–OUT/
V–OUT
0.04
0.15
%/V
V–IN = V–OUT – 1V to –16V
0.2
Load Regulation
ΔV–OUT/
V–OUT
0.4
1.8
%
IOUT = –100 µA to –100 mA,
Note 3
2.0
Dropout Voltage, Note 4
V–IN
V–OUT
–55
mV
IOUT = –100 µA
–360
–500
IOUT = –50 mA
–500
–700
IOUT = –100 mA
–900
Ground Current, Note 5
IGND
–25
–100
µA
IOUT = –100 µA
–0.9
mA
IOUT = –50 mA
–2.0
–3.0
IOUT = –100 mA
Ground Current in Shutdown
IGND_SD
–1.0
0.1
1.0
µA
VEN = ±0.6V
Ripple Rejection
PSRR
50
dB
f = 120 Hz
Current Limit
ILIMIT
235
350
mA
V–OUT = 0V
Turn-On Time
tON
60
µs
Time to VOUT = 90% (nominal)
Input Low Voltage
VEN
±0.6
V
Regulator OFF
Input High Voltage
±2.0
Regulator ON
Enable Input Current
IEN
0.1
µA
VEN = ±0.6V and –2.0V
5.6
10.0
VEN = +2.0V
Note 1: Specification for packaged product only
2: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
3: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are
tested for load regulation in the load range from 100 µA to 100 mA. Changes in output voltage due to heat-
ing effects are covered by the thermal regulation specification.
4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
5: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current
drawn from the supply is the sum of the load current plus the ground pin current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com