Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5271 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5271 Datasheet HTML 2Page - Microchip Technology MIC5271 Datasheet HTML 3Page - Microchip Technology MIC5271 Datasheet HTML 4Page - Microchip Technology MIC5271 Datasheet HTML 5Page - Microchip Technology MIC5271 Datasheet HTML 6Page - Microchip Technology MIC5271 Datasheet HTML 7Page - Microchip Technology MIC5271 Datasheet HTML 8Page - Microchip Technology MIC5271 Datasheet HTML 9Page - Microchip Technology MIC5271 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MIC5271
DS20005881B-page 6
2017 - 2022 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Dropout Characteristics.
FIGURE 2-2:
Output Voltage vs. Output
Current.
FIGURE 2-3:
Output Voltage vs.
Temperature.
FIGURE 2-4:
Ground Current vs. Output
Current.
FIGURE 2-5:
Ground Current vs. Input
Voltage.
FIGURE 2-6:
Ground Current vs. Input
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
SUPPLY VOLTAGE (V)
0 LOAD
-100mA LOAD
0-1
-2
-3
-4
-5
-3.26
-3.265
-3.27
-3.275
-3.28
-3.285
-3.29
-3.295
-3.3
-3.305
OUTPUT CURRENT (mA)
0
-20
-40
-60
-80
-100
0
-0.5
-1
-1.5
-2
-2.5
0
OUTPUT CURRENT (mA)
5V
IN
-20
-40
-60
-80
-100
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
SUPPLY VOLTAGE (V)
0μA LOAD
-100μA LOAD
-1mA LOAD
-1
-2
-3
-4
-5
0
0
-0.5
-1
-1.5
-2
-2.5
SUPPLY VOLTAGE (V)
-100mA LOAD
-50mA LOAD
-10mA LOAD
0
-1-2-3-4-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com