Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5271 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 1 Page - Microchip Technology

  MIC5271 Datasheet HTML 1Page - Microchip Technology MIC5271 Datasheet HTML 2Page - Microchip Technology MIC5271 Datasheet HTML 3Page - Microchip Technology MIC5271 Datasheet HTML 4Page - Microchip Technology MIC5271 Datasheet HTML 5Page - Microchip Technology MIC5271 Datasheet HTML 6Page - Microchip Technology MIC5271 Datasheet HTML 7Page - Microchip Technology MIC5271 Datasheet HTML 8Page - Microchip Technology MIC5271 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005881B-page 1
MIC5271
Features
• Stable with Ceramic or Tantalum Capacitors
• Standard Fixed Output Voltage Options: 3.0V and
5.0V
• Adjustable Output Voltage Option: (–1.2V to
–14V)
• Positive and Negative Enable Thresholds
• Low Dropout Voltage: –500 mV @ –100 mA
• Low Ground Current: –25 µA @ Load = –100 µA
• Tight Initial Accuracy: ±2%
• Tight Load and Line Regulation
• Thermal Shutdown and Current-Limit Protection
• IttyBitty 5-Pin SOT23 Packaging
• Zero-Current Off Mode
Applications
• GaAsFET Bias
• Portable Cameras and Video Recorders
• PDAs
• Battery-Powered Equipment
• Post-Regulation of DC/DC Converters
General Description
The MIC5271 is a µCap 100 mA negative regulator in
a SOT23-5 package. With better than 2% initial
accuracy, this regulator provides a very accurate
supply voltage for applications that require a negative
rail. The MIC5271 sinks 100 mA of output current at
very low dropout voltage (500 mV typical, 700 mV
maximum at 100 mA of output current).
The µCap regulator design is optimized to work with
low-value, low-cost ceramic capacitors. The output
typically requires only a 1 µF capacitance for stability.
Designed for applications where small packaging and
efficiency are critical, the MIC5271 combines LDO
design expertise with IttyBitty packaging to improve
performance and reduce power dissipation. Ground
current is optimized to help improve battery life in
portable applications. The MIC5271 also includes a
TTL-compatible enable pin, allowing the user to put the
part into a zero-current off mode, in which the ground
current is only ±1 µA, typical.
The MIC5271 is available in the 5-pin SOT23 package
for space saving applications and it is available with an
adjustable output.
Package Types
Please see pin descriptions in Table 3-1.
MIC5271YM5
5-Lead SOT23 (M5)
Adjustable Output Voltage
(Top View)
MIC5271-5.0YM5 *
5-Lead SOT23 (M5)
Fixed Output Voltage
(Top View)
* 5.0V pinout shown. 3.0V version is identical.
ADJ GND
–OUT
–IN
EN
3
1
5
2
4
L9AA
NC GND
–OUT
–IN
EN
3
1
5
2
4
L950
µCap Negative Low Dropout Regulator


Similar Part No. - MIC5271

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
關Cap Negative Low-Dropout Regulator
MIC5271-3.0BM5 MICREL-MIC5271-3.0BM5 Datasheet
123Kb / 10P
關Cap Negative Low-Dropout Regulator
MIC5271-5.0BM5 MICREL-MIC5271-5.0BM5 Datasheet
123Kb / 10P
關Cap Negative Low-Dropout Regulator
MIC5271BM5 MICREL-MIC5271BM5 Datasheet
123Kb / 10P
關Cap Negative Low-Dropout Regulator
More results

Similar Description - MIC5271

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
Teeny SC-70 關Cap Low-Dropout Regulator
MIC5270 MICREL-MIC5270_05 Datasheet
534Kb / 8P
關Cap Negative Low-Dropout Regulator
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
關Cap Negative Low-Dropout Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
5A 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
750mA 關Cap Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com