Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5271 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5271 Datasheet HTML 4Page - Microchip Technology MIC5271 Datasheet HTML 5Page - Microchip Technology MIC5271 Datasheet HTML 6Page - Microchip Technology MIC5271 Datasheet HTML 7Page - Microchip Technology MIC5271 Datasheet HTML 8Page - Microchip Technology MIC5271 Datasheet HTML 9Page - Microchip Technology MIC5271 Datasheet HTML 10Page - Microchip Technology MIC5271 Datasheet HTML 11Page - Microchip Technology MIC5271 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MIC5271
DS20005881B-page 8
2017 - 2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-13:
Dropout Voltage vs.
Temperature.
FIGURE 2-14:
Load Transient.
FIGURE 2-15:
Load Transient.
FIGURE 2-16:
Negative Enable Transient.
FIGURE 2-17:
Positive Enable Transient.
0
-100
-200
-300
-400
-500
-600
-700
TEMPERATURE (°C)
-50mA LOAD
-100mA LOAD
-40 -20
0
20
40
60
80 100 120
Time (2ms/div)
OUTPUT CURRENT
(50mA/div)
V
OUT
(AC-COUPLED)
(10mV/div)
C
OUT = 1μF CERAMIC
V
IN = –5V
V
OUT = –3V
–10mA
-100mA
Time (2ms/div)
OUTPUT CURRENT
(50mA/div)
V
OUT
(AC-COUPLED)
(10mV/div)
C
OUT = 1μF CERAMIC
V
IN = –5V
V
OUT = –3V
–10mA
–100mA
Time (20μs/div)
ENABLE
(1V/div)
V
OUT
(1V/div)
0V
0V
Time (20μs/div)
ENABLE
(1V/div)
V
OUT
(1V/div)
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com