Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC5271 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC5271
Description  關Cap Negative Low Dropout Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5271 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC5271 Datasheet HTML 3Page - Microchip Technology MIC5271 Datasheet HTML 4Page - Microchip Technology MIC5271 Datasheet HTML 5Page - Microchip Technology MIC5271 Datasheet HTML 6Page - Microchip Technology MIC5271 Datasheet HTML 7Page - Microchip Technology MIC5271 Datasheet HTML 8Page - Microchip Technology MIC5271 Datasheet HTML 9Page - Microchip Technology MIC5271 Datasheet HTML 10Page - Microchip Technology MIC5271 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
2017 - 2022 Microchip Technology Inc. and its subsidiaries
DS20005881B-page 7
MIC5271
FIGURE 2-7:
Ground Current vs.
Temperature.
FIGURE 2-8:
Ground Current vs.
Temperature.
FIGURE 2-9:
Positive Enable Threshold
vs. Supply Voltage.
FIGURE 2-10:
Negative Enable Threshold
vs. Supply Voltage.
FIGURE 2-11:
Dropout Voltage vs. Output
Current.
FIGURE 2-12:
Dropout Voltage vs.
Temperature.
0
-5
-10
-15
-20
-25
-30
TEMPERATURE (°C)
0A LOAD
-1mA LOAD
-40 -20
0
20
40
60
80 100 120
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
TEMPERATURE (°C)
-50mA LOAD
-100mA LOAD
-40 -20
0
20
40
60
80 100 120
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
SUPPLY VOLTAGE (V)
ENABLE OFF
ENABLE ON
-4
-7
-10
-13
-16
0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
-1.6
SUPPLY VOLTAGE (V)
ENABLE OFF
ENABLE ON
-4
-7
-10
-13
-16
0
-100
-200
-300
-400
-500
-600
0
OUTPUT CURRENT (mA)
-20
-40
-60
-80
-100
0
-50
-100
-150
-200
-250
-300
-350
-400
TEMPERATURE (°C)
0A LOAD
-10mA LOAD
-40 -20
0
20
40
60
80 100 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com