Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB081 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 2Page - STMicroelectronics SPSB081 Datasheet HTML 3Page - STMicroelectronics SPSB081 Datasheet HTML 4Page - STMicroelectronics SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 135 page
background image
Pin SPSB081x
Pin SPSB081Cx
Pin name
Description
I/O type
8
8
VS
Power supply voltage for power stage outputs
OUT1, OUT2, OUT3, and OUT4 (external reverse
battery protection required). For this input, a
ceramic capacitor as close as possible to GND is
recommended.
P
9
9
NC
Not connected
10
10
Debug
Debug input to deactivate the window watchdog (high
active)
I
11
11
SGND
Signal ground
P
12
12
TxD_C
CAN transmit data input
I
13
-
TxD_L
LIN transmit data input
I
14
14
CM
Current monitor output: depending on the selected
multiplexer bits of the control register this output
sources an image of the instant current through the
corresponding high side driver with a fixed ratio
O
15
15
DIAGN
Logical error indication output. Active low
O
16
16
NINT
indicates device errors, warning, and local/remote
wake-up events
O
17
17
RxD_C
CAN receive data output (push pull output stages)
O
18
-
RxD_L
RxDL -> LIN receive data output (only for SPSB0815
and SPSB0813)
O
19
19
CLK
SPI: serial clock input
I
20
20
DO
SPI: serial data output (push pull output stage)
O
21
21
DI
SPI: serial data input
I
22
22
CSN
SPI: chip select not input
I
23
23
NRESET
NReset output to microcontroller; internal pull-up of
typical 25 kΩ (active low output stage)
O
24
24
V1
Voltage regulator 1 output: 5 V or 3.3V supply, e.g.,
microcontroller, CAN FD transceiver
O
25
25
NC
Not connected
26
26
VSREG
Power supply voltage to feed the internal voltage
regulators; all internal regulated voltages for analog
and digital functionality; LIN transceiver; CAN
transceiver and the wake-up features (external
reverse battery protection required / diode). For this
input, a ceramic capacitor as close as possible
to GND and an electrolytic backup capacitor are
recommended.
P
27
27
NC
Not connected
28
28
VCANSUP
CAN supply input; to allow external CAN supply from
V1, V2 or other external power supply
P
29
29
CAN_L
CAN low level voltage I/O
I/O
30
30
CAN_H
CAN high level voltage I/O
I/O
31
31
PGND
Power ground
P
32
-
LIN
LIN bus line
I/O
-
-
TAB
Ground connection
Note:
Not connected pins must be connected to ground.
SPSB081
Pin description
DS14048 - Rev 1
page 6/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com