Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB081 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics SPSB081 Datasheet HTML 12Page - STMicroelectronics SPSB081 Datasheet HTML 13Page - STMicroelectronics SPSB081 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 135 page
background image
Table 4. Transient immunity ratings according to ISO 7637-2
-
PARAMETER
VALUE
UNIT
ISO 7637-2 and IEC 62215-3 transients
immunity according to
“OEM_HW_Requirements_For_CAN_LIN_
FR-Interfaces_V1.3_2012” and IBEE EMC
test specifications (1) (LIN and CAN)
Pulse1
-100
V
Pulse2a
+75
V
Pulse3a
-150
V
Pulse3b
+100
V
1. ISO 7637 is a system level transient test. Different system level configurations may lead to different results.
2.3
Temperature ranges and thermal data
Table 5. Temperature ranges and thermal data
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
Tamb
Operating temperature
(ECU environment)
-
-40
-
125
°C
F.019
Tj
Operating junction
temperature
-
-40
-
175
°C
F.020
Tstg
Storage temperature
-
-55
-
150
°C
F.021
TW ON
Thermal over
temperature warning
threshold
-
140
-
160
°C
F.022
TSD1 OFF (1)
Thermal shut-down
junction temperature 1
-
165
-
185
°C
F.023
TSD2 OFF (1)
Thermal shut-down
temperature
-
175
-
195
°C
F.024
TSD12hys (1)
Thermal shut-down
temperature hysteresis
-
-
5
-
°C
F.025
tfTjTW
Thermal warning / shut
down filter time
Tested by scan
24
32
43
µs
F.026
RTh jamb (2)
Thermal resistance
junction-to-ambient
-
-
38
-
°C/W
F.027
1. Non-overlapping
2. The values quoted are for PCB 129 mm x 60 mm x 1.6 mm, FR4, four layers; Cu thickness 0.070 mm (outer layers). Cu
thickness 0.035 mm (inner layers), thermal vias separation 1.2 mm, thermal via diameter 0.3 mm +/- 0.08 mm, Cu thickness
on vias 0.025 mm, footprint dimension 3.5 mm x 3.5 mm
All parameters are guaranteed in the temperature range from -40 to 50°C (unless otherwise specified); the device
is still operative and functional at higher temperatures (up to 175°C).
Parameters limits at higher temperatures than 150°C may change with respect to what is specified as per the
standard temperature range.
Device functionality at high temperature is guaranteed by characterization.
SPSB081 embeds a multitude of junctions housed in a relatively small piece of silicon. The devices contain,
among all the described features, four high-sides, two voltage regulators (one of which can work as voltage
tracker). For this reason, using the thermal impedance of a single junction (that is, voltage regulator or major
power dissipation contributor) does not allow to predict thermal behavior of the whole device and therefore it is
not possible to assess if a device is thermally suitable for a given activation profile and loads characteristics.
Some representative and realistic worst-case thermal profiles are described in the below paragraph. The following
measurement methods can be easily implemented, by final user, for a specific activation profile.
Activation profile battery voltage: 16 V, ambient temperature starts at 85°C.
DC activation:
•
V1 (3.3V) charged with 70 mA; Rdson = 470 Ω (DC activation)
•
V2 (3.3V) charged with 50 mA; Rdson = 680 Ω (DC activation)
SPSB081
Temperature ranges and thermal data
DS14048 - Rev 1
page 10/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com