Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB081 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics SPSB081 Datasheet HTML 12Page - STMicroelectronics SPSB081 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IPGND
Maximum current
at PGND(2)
-1.25
1.25
A
GND pins
PGND versus
SGND
-0.3
0.3
V
1. SPSB081 is protected against V2 shorted to VSREG and V2 reverse biasing when VSREG is higher than 3.5 V.
2. Values for the absolute maximum DC current through the bond wires. This value does not consider maximum power
dissipation or other limits.
All maximum ratings are absolute ratings. Leaving the limitation of any of these values may cause an irreversible
damage of the integrated circuit!
Loss of ground or ground shift with externally grounded loads: ESD structures are configured for nominal currents
only. If external loads are connected to different grounds, the current load must be limited to this nominal current.
Table 3. ESD protection
Item
Parameter
Condition
Values
Unit
Pins
All pins
HBM (1)
+/-2
kV
Power output pin
OUT1
HBM (2)
+/-4
kV
Power output pin
OUT2
HBM (2)
+/-4
kV
Power output pin
OUT3
HBM(2)
+/-4
kV
Power output pin
OUT4
HBM(2)
+/-4
kV
Transceiver
LIN
Air discharge (3)
+/-25
kV
HBM (2)
+/-8
kV
Indirect ESD(4)
+/-8
kV
Direct ESD(5)
+/-6
kV
Transceiver
CAN_H
Air discharge (6)
+/-15
kV
HBM l (2)
+/-8
kV
Direct ESD (5)
+/-6
kV
Transceiver
CAN_L
Air discharge (6)
+/-15
kV
HBM(2)
+/-8
kV
Direct ESD(5)
+/-6
kV
Pins (7)
Corner pins
CDM (values for corner pins in brackets)
+/-500 / (+/-750)
V
1. HBM (human body model, 100pF, 1.5 kW) according to AEC-Q100-002
2. HBM with all none zapped pins grounded
3. Air discharge for LIN (according to SAE J2962-1 (DRAFT. Nov. 2017)) C = 150pF, R = 2 kΩ.
4. Indirect ESD test according to IEC 61000-4-2 (150pF, 330Ω) and ‘Hardware requirements for LIN, CAN and Flexray
interfaces in automotive applications’ (version 1.3, 2012-05-04)
5. Direct ESD test according to IEC 61000-4-2 (150pF, 330Ω) and ‘Hardware requirements for LIN, CAN and Flexray
interfaces in automotive applications’ (version 1.3, 2012-05-04)
6. Air discharge for CAN (according to SAE J2962-2) C = 330pF, R = 2 KΩ
7. CDM (charged device model) according to AEC-Q100-011
SPSB081
Absolute maximum ratings
DS14048 - Rev 1
page 9/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com