Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB081 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 4Page - STMicroelectronics SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics SPSB081 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCM
Output voltage
range
-0.3
V1+0.3
V
VDIAGN
Logic output
-0.3
V1+0.3
V
VTXDC
Logic input
-0.3
V1+0.3
V
VTXDL
Logic input
-0.3
V1+0.3
V
Vdebug
Debug input pin
voltage range
-0.3
V1+0.3
V
VWU1
DC wake-up
input voltage
-0.3
VSreg +0.3
V
VDIR/WU2
DC wake-up
input voltage
-0.3
VSreg +0.3
V
VLIN
LIN bus I/O
voltage range
-27
40
V
IInput
Current injection
into Vs related
input pins
20
mA
Iout_inj
Current injection
into vs related
outputs
20
mA
VCANSUP
CAN supply
-0.3
5.25
V
VCANH
CAN bus I/O
voltage range
-27
40
V
VCANL
CAN bus I/O
voltage range
-27
40
V
VCANH - VCANL
Differential CAN-
Bus voltage
-5
10
V
VOUT1
Output voltage
-0.3
VS+0.3
V
VOUT2
Output voltage
-0.3
VS+0.3
V
VOUT3
Output voltage
-0.3
VS+0.3
V
VOUT4
Output voltage
-0.3
VS+0.3
V
IVS
Maximum
cumulated
current at VS
drawn by OUT1;
OUT2; OUT3;
OUT4
-1.25
1.25
A
IVSREG
Maximum
cumulated
current at
VSREG drawn
by LDO1; LDO2;
LIN;
CAN@Wake-up
-1.25
1.25
A
IOUT1
Output current (2)
-1.25
1.25
A
IOUT2
Output current (2)
-1.25
1.25
A
IOUT3
Output current (2)
-1.25
1.25
A
IOUT4
Output current (2)
-1.25
1.25
A
ISGND
Maximum current
at SGND(2)
-1.25
1.25
A
SPSB081
Absolute maximum ratings
DS14048 - Rev 1
page 8/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com