Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPSB081 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPSB081 Datasheet HTML 3Page - STMicroelectronics SPSB081 Datasheet HTML 4Page - STMicroelectronics SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics SPSB081 Datasheet HTML 10Page - STMicroelectronics SPSB081 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 135 page
background image
2
Maximum ratings
2.1
Operating range
Within the operating range, the part operates as specified and without parameter deviations. The device may not
operate properly if maximum operating conditions are exceeded.
Once taken beyond the operative ratings and returned back within, the part recovers with no damage or
degradation.
Additional supply voltage and temperature conditions are given separately at the beginning of each electrical
specification table.
All the voltages are related to the potential at substrate ground.
2.1.1
Supply voltage ranges
All SPI communication, logic, and oscillator parameters work down to VSREG = 3.5V and are specified
accordingly.
SPI thresholds
Oscillator frequency (delay times correctly elapsed)
Internal register status correctly kept (reset at default values for Vs< VPOR)
Reset threshold correctly detected
2.2
Absolute maximum ratings
Maximum ratings are absolute ratings; exceeding any one of these values may cause permanent damage to the
integrated circuit.
All voltages are related to the potential at substrate ground.
Table 2. Absolute maximum ratings
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VS
DC supply
voltage
Jump start
-0.3
28
V
Single pulse /
tmax < 400 ms
“transient load
dump”
-0.3
40
V
VSreg
DC supply
voltage
Jump start
-0.3
28
V
Single pulse /
tmax < 400 ms
“transient load
dump”
-0.3
40
V
V1
Stabilized supply
voltage, logic
supply
V1 < VSREG
-0.3
6.5
V
V2
Stabilized supply
voltage(1)
-0.3
28
V
VDI
Logic input
-0.3
V1+0.3
V
VCLK
Logic input
-0.3
V1+0.3
V
VCSN
Logic input
-0.3
V1+0.3
V
VDO
Logic output
-0.3
V1+0.3
V
VRXDL
Logic output
-0.3
V1+0.3
V
VRXDC
Logic output
-0.3
V1+0.3
V
VNRESET
Logic output
-0.3
V1+0.3
V
SPSB081
Maximum ratings
DS14048 - Rev 1
page 7/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com