Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 2Page - STMicroelectronics L9177 Datasheet HTML 3Page - STMicroelectronics L9177 Datasheet HTML 4Page - STMicroelectronics L9177 Datasheet HTML 5Page - STMicroelectronics L9177 Datasheet HTML 6Page - STMicroelectronics L9177 Datasheet HTML 7Page - STMicroelectronics L9177 Datasheet HTML 8Page - STMicroelectronics L9177 Datasheet HTML 9Page - STMicroelectronics L9177 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Description
L9177
6/49
DocID17617 Rev 1
1
Description
L9177 is a device realized in ST BCD proprietary technology, able to provide the full set of
power supplies and signal preprocessing peripherals needed to control a 2 Cylinder internal
combustion Engine for Low End Application (e.g. small motorcycle, K-car, nautical engines,
etc.).
L9177 integrates a 5 V main voltage regulator, a 5 V 40 mA tracking regulator for sensor
supply and a 2.5 mA 5 V standby regulator.
The two channels injector drivers, the O2 sensor heater and two relay drivers can be
controlled both with parallel input and with SPI interface. One additional relay driver and the
lamp driver are controlled by SPI. The stepper motor driver is designed for a double winding
coil motor, used for engine idle speed control.
Low side drivers implement SR control to minimize emission.
A protected 50 mA high side driver is provided.
A Variable Reluctance Sensor interface allows the connection to a commercial magnetic
pick-up, allowing the indirect measurement of internal combustion engine crank angle. A K-
line (standard ISO-9141 compatible) is provided as data communication interface.
All functionalities are fully protected and provide complete diagnostics via a 24bit SPI
interface. An overall protection against over temperature is provided as well.
The device is available in PowerSO46, ST proprietary package for high power application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com