Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 1 Page - STMicroelectronics

  L9177 Datasheet HTML 1Page - STMicroelectronics L9177 Datasheet HTML 2Page - STMicroelectronics L9177 Datasheet HTML 3Page - STMicroelectronics L9177 Datasheet HTML 4Page - STMicroelectronics L9177 Datasheet HTML 5Page - STMicroelectronics L9177 Datasheet HTML 6Page - STMicroelectronics L9177 Datasheet HTML 7Page - STMicroelectronics L9177 Datasheet HTML 8Page - STMicroelectronics L9177 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
This is information on a product in full production.
November 2013
DocID17617 Rev 1
1/49
L9177
Peripheral on chip for low end engine control
Datasheet
- production data
Features
 Supply voltage from 6 V to 18 V
– Basic functionality guaranteed down to 3.9 V
 5 V regulator up to 300 mA with thermal
shutdown protection in current limitation
condition
 5 V tracking regulator up to 40 mA and short to
battery protection
 5 V standby regulator up to 2.5 mA
 2 channels injectors drivers
– Parallel and serial driving
– Output internally clamped to 60 V
– Minimum overcurrent at 2.8 A
– Ron 0.6 Ω worst case (at Tj = 150 °C)
 3 relay drivers
– 2 with parallel and serial driving, 1 with
serial driving
– Output internally clamped to 45 V
– Minimum guaranteed output current 1 A
– Ron 1.5 Ω worst case (at Tj = 150 °C)
 Tachometer driver
– Parallel and serial driving
– Minimum guaranteed output current 25 mA
– Ron 5 Ω worst case (at Tj = 150 °C)
 Lamp driver
– Serial driving
– Output internally clamped to 45 V
– Minimum guaranteed output current 1 A
(2 A during in-rush)
– Ron 1.5 Ω worst case (at Tj = 150 °C)
 Stepper motor driver
– Parallel driving
– Minimum guaranteed output current
500 mA - full step
– Ron 2.6 Ω worst case on the diagonal
(at Tj = 150 °C)
 O2 sensor heater
– Parallel and serial driving
– Output internally clamped to 45 V
– Minimum guaranteed output current 3 A
– Ron 0.5 Ω worst case (at Tj = 150 °C)
 Protected high side driver
– 100 mA min. current limitation threshold
 Full diagnosis by SPI
– Injector driver: OL, STG, OC
– Relay and Lamp drivers: OL, STG, OC
– O2 sensor heater: OL, STG, OC
– Tachometer: OL, STG, OC
– Stepper motor driver: OL, STG, STB, OC
– general diagnostic: over-temperature
 Protection for STB, STG (for stepper motor
drivers and tracking regulator)
 Self configuring variable reluctance sensor
interface
 K-line transceiver
 Microcontroller reset logic
 Packaged in PowerSO46
PowerSO46
Table 1. Device summary
Order code
Package
Packing
L9177
PowerSO46
Tube
L9177TR
Tape and reel
www.st.com


Similar Part No. - L9177

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9177A STMICROELECTRONICS-L9177A Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
L9177ATR STMICROELECTRONICS-L9177ATR Datasheet
974Kb / 55P
Automotive engine management control IC for small engines
November 2020 Rev 5
More results

Similar Description - L9177

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ8519X SHARP-LZ8519X Datasheet
28Kb / 2P
IrDA Control Peripheral Engine (PE)
logo
STMicroelectronics
L9758 STMICROELECTRONICS-L9758 Datasheet
270Kb / 29P
Multiple supply for engine control
23-Nov-2010
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
Automotive Engine Control
logo
List of Unclassifed Man...
P-51 ETC1-P-51 Datasheet
487Kb / 4P
Peripheral 8051 System on a Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com