Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 6Page - STMicroelectronics L9177 Datasheet HTML 7Page - STMicroelectronics L9177 Datasheet HTML 8Page - STMicroelectronics L9177 Datasheet HTML 9Page - STMicroelectronics L9177 Datasheet HTML 10Page - STMicroelectronics L9177 Datasheet HTML 11Page - STMicroelectronics L9177 Datasheet HTML 12Page - STMicroelectronics L9177 Datasheet HTML 13Page - STMicroelectronics L9177 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Electrical specifications
L9177
10/49
DocID17617 Rev 1
3
Electrical specifications
3.1
Operating range
The device may not operate properly if maximum operating conditions are exceeded.
3.2
Absolute maximum ratings
Maximum ratings are absolute ratings; exceeding any one of these values may cause
permanent damage to the integrated circuit.
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
VB
Supply voltage
6 to 18(1)
1. Below 3.9 V the device is in a safety state (internal circuitries are on but all the outputs are off).
From 3.9 V to 5.5 V (cranck functionality)
Reset function; VDD > 3.3 V (rds-on state) IVDD=100mA; 3.3 V<VDD_TRK<VDD (rds-on state);
Low-sides, K-Line, H-Bridge OFF if Reset = 0; SPI not available, internal registers resetted if Reset = 0;
All Diagnosis disabled if Reset=0; VRS function limited (Vdiff max =1000mV).
From 5.5 V to 6 V (low battery)
All the functions are granted with the following degraded parameters; VDD5>4.510V; VDD Reset
function guaranteed, but no Reset asserted; Tracking error < 100 mV (Iload = 40 mA, rds-on state).
From 18 V to VB_off (load dump transient)
All the functions are granted with increased power dissipation and no reset is asserted during transient.
From VB_off to 40 V (internal circuitries are on but all the outputs are off)
The device is on in a safety state.
V
I/O logic
0 to Vdd
V
Stepper motor outputs
-0.3 to Vb+
V
Low side
-0.3 to clamp
voltage
V
Table 4. Absolute maximum ratings
Parameter
Condition
Min
Max
Unit
DC supply voltage
pin VB/VB_1
-0.3
40
V
I/O low voltage pins(1)
-
-0.3
7
V
I/O low voltage digital
pins(2)
-
-0.3
Vdd+0.3
V
I/O power pins(3) voltage
range
-
-0.3
Clamp voltage
V
TACH pin
-
-0.3
40
V
OUTA-D
-
-0.3
VB +0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com