Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9177 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9177
Description  Peripheral on chip for low end engine control
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9177 Datasheet HTML 5Page - STMicroelectronics L9177 Datasheet HTML 6Page - STMicroelectronics L9177 Datasheet HTML 7Page - STMicroelectronics L9177 Datasheet HTML 8Page - STMicroelectronics L9177 Datasheet HTML 9Page - STMicroelectronics L9177 Datasheet HTML 10Page - STMicroelectronics L9177 Datasheet HTML 11Page - STMicroelectronics L9177 Datasheet HTML 12Page - STMicroelectronics L9177 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
DocID17617 Rev 1
9/49
L9177
Block diagram and pin description
48
14
TACH
Tachometer driver output
O
PWR
15
ILS_TACH Tachometer driver input
I
SIGNAL
16
GND_O2H O2 sensor heater ground
GND
PWR
17
INO2H
O2 sensor heater input
I
SIGNAL
18
RESET
Reset signal to the micro
O
SIGNAL
19
IN_REL2
Relay 2 parallel control input
I
SIGNAL
20
IN_REL1
Relay 1 parallel control input
I
SIGNAL
21
REL2
Relay 2 driver output
O
PWR
22
GND_P_1
Power ground relay 1-2
O
PWR
23
REL1
Relay 1 driver output
O
PWR
24
REL3
Relay 3 driver output
O
SIGNAL
25
GND_P_2
Power ground for lamp
GND
PWR
26
LAMP
Lamp driver output
O
PWR
27
SO
SPI data out
O
SIGNAL
28
SI
SPI data in
I
SIGNAL
29
SCK
SPI serial clock
I
SIGNAL
30
CS
SPI chip select
I
SIGNAL
31
KEY
Key signal
I
SIGNAL
32
INJ1
Injector 1driver power output
O
PWR
33
IN1
Injector 1 driver input command
I
SIGNAL
34
GND_INJ1 Injector 1 ground
GND
PWR
35
GND_INJ2 Injector 2 ground
GND
PWR
36
IN2
Injector 2 driver input command
I
SIGNAL
37
INJ2
Injector 2 driver power output
O
PWR
38
KL_TX
K-Line TX digital IN
I
SIGNAL
39
KL_RX
K-Line RX digital OUT
O
SIGNAL
40
KL_LINE
K-Line
I/O
PWR
41
VDD
5 V voltage regulator output
O
PWR
42
PWM
Logic Input to set Stepper Motor Speed
I
SIGNAL
43
VDD_SB
5 V standby voltage regulator output
O
PWR
44
VB
Battery line to bridge 2
I
PWR
45
OUTD
Output bridge 2
O
PWR
46
OUTC
Output bridge 2
O
PWR
Table 2. Pin function (continued)
Pin #
Pin name
Description
I/O
type
Class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com