Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC84SS014FF Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # BC84SS014FF
Description  POWER CORD 5-15P TO BARE 1M BLK
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BC84SS014FF Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button BC84SS014FF Datasheet HTML 17Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 18Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 19Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 20Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 21Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 22Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 23Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 24Page - Bel Fuse Inc. BC84SS014FF Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
IP67 USB Cable Assemblies
Description
Stewart Connector’s IP67 USB Type-A cable assemblies are ideal for harsh environments and industrial applications.
These cable assemblies are IP67 rated with configurations available with both USB 2.0 and USB 3.0 speeds. IP67 ends
are equipped with threaded receptacles to ensure quick and correct mating connections. The IP67 USB Type-A cable
assemblies can be used in multiple applications, including industrial automation, medical devices, military applications,
and other harsh environments.
Part Number
Connector End A
Connector End B
USB Rating Length
ft
m
67U2AC-003-K
IP67 USB 2.0 Type-A Male (Circular Coupling)
USB 2.0 Type-A Male
USB 2.0
3ft 0.910m
67U2AC-006-K IP67 USB 2.0 Type-A Male (Circular Coupling)
USB 2.0 Type-A Male
USB 2.0
6ft 1.82m
67U2AD-006-K IP67 USB 2.0 Type-A Male (Circular Coupling)
Free Cable End
USB 2.0
6ft 1.82m
67U2AA-006-K
IP67 USB 2.0 Type-A Male (Circular Coupling)
IP67 USB 2.0 Type-A Male (Circular Coupling) USB 2.0
6ft 1.82m
67U3AA-006-K
IP67 USB 3.0 Type-A Male (Circular Coupling)
IP67 USB 3.0 Type-A Male (Circular Coupling) USB 3.0
6ft 1.82m
67U3AD-006-K IP67 USB 3.0 Type-A Male (Circular Coupling)
Free Cable End
USB 3.0
6ft 1.82m
67U3AC-006-K
IP67 USB 3.0 Type-A Male (Circular Coupling)
USB 3.0 Type-A Male
USB 3.0
6ft 1.82m
67U2BD-003-K IP67 USB 2.0 Type-A Female (Circular Coupling) Free Cable End
USB 2.0
3ft 0.910m
67U2BD-006-K IP67 USB 2.0 Type-A Female (Circular Coupling) Free Cable End
USB 2.0
6ft 1.82m
67U3BD-006-K IP67 USB 3.0 Type-A Female (Circular Coupling) Free Cable End
USB 2.0
6ft 1.82m
67U3BC-002-K
IP67 USB 3.0 Type-A Female (Circular Coupling) USB 3.0 Type-A Male
USB 3.0
2ft 0.60m
67 = IP67
2 = USB 2.0
3 = USB 3.0
K
XXX
67
U
U = USB Connector
Connector Type
Part Number
USB Rating
A = IP67 USB Type-A Male
(Circular Connector)
B = IP67 USB Type-A Female
(Circular Connector)
Connector End A
2
K = Black
Color
A
002F = 2ft 003F = 3ft 006F = 6ft
Length
D
A = IP67 USB Type-A Male
(Circular Connector)
C = Standard USB Type-A Male
D = Free Cable End
Connector End B
Cable Catalog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com